Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-7800-2-R10X Datasheet(PDF) 4 Page - RENCO ELECTRONICS, INC.

Part # RL-7800-2-R10X
Description  MULTI-LAYER CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7800-2-R10X Datasheet(HTML) 4 Page - RENCO ELECTRONICS, INC.

  RL-7800-2-R10X Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7800-2-R10X Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-7800-2-R10X Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-7800-2-R10X Datasheet HTML 4Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-7800-3
Renco Part No.
RL-7800-3
EIA
Size
L
(nH)
DCR
Max.
(Ohms)
Q
Min.
SRF
(MHz)
Min.
SRF
(MHz)
Typ.
100 300 500 800 1000
Testing
Freq.
(MHz)
Irms
(mA)
Max.
RL-7800-3-1N5S
0805
1.5±0.3nH
0.10
10
4000
>6000
21
39
57
61
68
100
300
RL-7800-3-1N8S
0805
1.8±0.3nH
0.10
10
4000
>6000
18
35
49
55
59
100
300
RL-7800-3-2N2S
0805
2.2±0.3nH
0.10
10
4000
>6000
18
33
46
53
58
100
300
RL-7800-3-2N7S
0805
2.7±0.3nH
0.10
12
4000
>6000
19
36
50
56
60
100
300
RL-7800-3-3N3X
0805 3.3±10%or±0.3nH
0.13
12
4000
>6000
16
29
40
47
51
100
300
RL-7800-3-3N9X
0805 3.9±10%or±0.3nH
0.15
12
4000
>6000
18
33
46
54
60
100
300
RL-7800-3-4N7X
0805 4.7±10%or±0.3nH
0.20
12
3500
>6000
18
34
46
55
60
100
300
RL-7800-3-5N6X
0805 5.6±10%or±0.3nH
0.23
15
3200
5400
20
38
51
60
66
100
300
RL-7800-3-6N8X
0805 6.8±10% or 5%
0.25
15
2800
4200
20
39
52
63
69
100
300
RL-7800-3-8N2X
0805 8.2±10% or 5%
0.28
15
2400
3700
21
40
54
63
70
100
300
RL-7800-3-10NX
0805
10±10% or 5%
0.30
15
2100
3100
20
38
51
60
67
100
300
RL-7800-3-12NX
0805
12±10% or 5%
0.35
15
1900
3000
21
39
52
60
67
100
300
RL-7800-3-15NX
0805
15±10% or 5%
0.40
15
1600
2600
22
42
55
63
72
100
300
RL-7800-3-18NX
0805
18±10% or 5%
0.45
15
1500
2300
24
4
57
63
72
100
300
RL-7800-3-22NX
0805
22±10% or 5%
0.50
18
1400
2100
23
43
55
60
69
100
300
RL-7800-3-27NX
0805
27±10% or 5%
0.55
18
1300
1800
23
42
53
58
68
100
300
RL-7800-3-33NX
0805
33±10% or 5%
0.60
18
1200
1700
24
43
54
55
6
100
300
RL-7800-3-39NX
0805
39±10% or 5%
0.65
18
1000
1400
23
41
50
47
47
100
300
RL-7800-3-47NX
0805
47±10% or 5%
0.70
18
900
1200
23
41
49
43
41
100
300
RL-7800-3-56NX
0805
56±10% or 5%
0.75
18
800
1100
23
42
48
39
38
100
300
RL-7800-3-68NX
0805
68±10% or 5%
0.80
18
700
900
25
42
45
30
-
100
300
RL-7800-3-82NX
0805
82±10% or 5%
0.90
18
600
800
24
41
41
-
-
100
300
RL-7800-3-R10X
0805 100±10% or 5%
0.90
18
600
800
23
37
37
-
-
100
300
RL-7800-3-R12X
0805 120±10% or 5%
0.95
13
500
700
22
33
29
-
-
50
300
RL-7800-3-R15X
0805 150±10% or 5%
1.00
13
500
700
22
34
26
-
-
50
300
RL-7800-3-R18X
0805 180±10% or 5%
1.10
13
400
600
23
34
20
-
-
50
300
RL-7800-3-R22X
0805 220±10% or 5%
1.20
12
350
550
20
23
-
-
-
50
300
RL-7800-3-R27X
0805 270±10% or 5%
1.30
12
300
480
20
19
-
-
-
50
300
RL-7800-3-R33X
0805 330±10% or 5%
1.40
12
250
400
22
15
-
-
-
50
300
RL-7800-3-R39X
0805 390±10% or 5%
1.40
10
250
400
17
12
-
-
-
50
300
RL-7800-3-R47X
0805 470±10% or 5%
1.50
17
200
350
-
-
-
-
-
50
300
Q TYPICAL (MHz)
DC BIAS, FREQ Vs IMPEDANCE & Q CHARACTERISTICS
100
10
1
10
100
1000
FREQUENCY (MHz)
10N
80
60
40
20
0
10
100
1000
FREQUENCY (MHz)
27N
27N
47N
47N
10N
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. TEST EQUIPMENT: RF IMPEDANCE ANALYZER HP4291A + HP4195A
X = MULTI-TOLERANCE CODE
(1) SERIES NAME
(2) DIMENSIONS
(3) INDUCTANCE CODE
(4) TOLERANCE CODE
S = ±0.3 nH
J = ±5%
K = ±10%
RL-7800 -2 4N7 K
(1)
(2) (3) (4)
PART NUMBER IDENTIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com