Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C22AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C22AT
Description  8-bit microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C22AT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C22AT Datasheet HTML 1Page - NXP Semiconductors PCF84C22AT Datasheet HTML 2Page - NXP Semiconductors PCF84C22AT Datasheet HTML 3Page - NXP Semiconductors PCF84C22AT Datasheet HTML 4Page - NXP Semiconductors PCF84C22AT Datasheet HTML 5Page - NXP Semiconductors PCF84C22AT Datasheet HTML 6Page - NXP Semiconductors PCF84C22AT Datasheet HTML 7Page - NXP Semiconductors PCF84C22AT Datasheet HTML 8Page - NXP Semiconductors PCF84C22AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1996 Nov 20
3
Philips Semiconductors
Product specification
8-bit microcontrollers
PCF84C12A; PCF84C22A;
PCF84C42A
1
FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, ROM, RAM, I/O in a 20-lead package
• 1 kbyte ROM (PCF84C12A)
• 2 kbyte ROM (PCF84C22A)
• 4 kbyte ROM (PCF84C42A)
• 64 byte RAM
• Over 100 instructions (based on MAB8048) all of
1 or 2 cycles
• 13 quasi-bidirectional I/O port lines
• 8-bit programmable timer/event counter 1
• Two single-level vectored interrupts:
– external
– 8-bit programmable timer/event counter 1
• Two test inputs, one of which also serves as the external
interrupt input
• Stop and Idle modes
• Supply voltage: 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C12A, PCF84C22A and PCF84C42A. The shared
properties of the PCF84CxxxA family of microcontrollers
are described in the
“PCF84CxxxA family” data sheet,
which should be read in conjunction with this publication.
Note that the devices described in this data sheet do not
feature I2C-bus compatibility or derivative logic, so the
information given in the family data sheet about these
features can be ignored.
The PCF84C12A, PCF84C22A and PCF84C42A are
general purpose CMOS microcontrollers with 1 kbyte,
2 kbytes and 4 kbytes of program memory, respectively.
They include 64 bytes of RAM and 13 I/O port lines.
The instruction set is based on the MAB8048 and is a
sub-set of that listed in the
“PCF84CxxxA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for these devices for the full type number to use when ordering. This type
number will also specify the required program and ROM mask options.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C12AP
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
PCF84C22AP
PCF84C42AP
PCF84C12AT
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCF84C22AT
PCF84C42AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com