Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06B-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH5R06B-TR
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06B-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH5R06B-TR Datasheet HTML 1Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 2Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 3Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 4Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 5Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 6Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 7Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 8Page - STMicroelectronics STTH5R06B-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STTH5R06
2/9
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 1.164 x IF(AV) + 0.128 IF
2
(RMS)
Table 6: Dynamic Characteristics
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
TO-220AC / DPA / D2PAK
3.0
°C/W
TO-220FPAC
5.5
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current Tj = 25°C
VR = VRRM
20
µA
Tj = 125°C
25
250
VF **
Forward voltage drop
Tj = 25°C
IF = 5A
2.9
V
Tj = 125°C
1.4
1.8
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5A Irr = 0.25A IR =1A
25
ns
IF = 1A dIF/dt = -50 A/µs VR =30V
40
IRM
Reverse recovery
current
Tj = 125°C IF = 5A
VR = 400V
dIF/dt = -200 A/µs
5.0
6.0
A
S factor Softness factor
0.35
Qrr
Reverse recovery
charges
110
nC
tfr
Forward recovery
time
Tj = 25°C IF = 5A
dIF/dt = 40 A/µs
VFR = 1.1 x VFmax
150
ns
VFP
Forward recovery
voltage
Tj = 25°C IF = 5A
dIF/dt = 40 A/µs
VFR = 1.1 x VFmax
4.5
V
Figure 1: Conduction losses versus average
current
Figure 2: Forward voltage drop versus forward
current
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0123
4567
P(W)
T
δ=tp/T
tp
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
I
(A)
F(AV)
0
5
10
15
20
25
30
35
40
45
50
012
3456
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com