Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM107 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM107
Description  Triple Operational Amplifier and Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM107 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM107 Datasheet HTML 1Page - STMicroelectronics TSM107 Datasheet HTML 2Page - STMicroelectronics TSM107 Datasheet HTML 3Page - STMicroelectronics TSM107 Datasheet HTML 4Page - STMicroelectronics TSM107 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
TSM107
3/5
2 Electrical Characteristics
Table 2.
General electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Total Supply Current
Vcc+ = 5V, no load
Tmin. < Tamb < Tmax.
Vcc+ = 30V, no load
Tmin. < Tamb < Tmax
2.5
5.5
4.5
6
8.5
10
mA
Table 3.
Electrical characteristics for operator/ VCC+ = +5V, VCC- = Ground, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vref + Vio
Input Offset Voltage
Tamb = 25°
Tmin.
≤ Tamb ≤ Tmax.
0.818
0.748
0.83
0.842
0.872
V
Iib
Input Bias Current
negative input
20
nA
Isource
Output Current Source
Vo = 2V
VCC = +15V
20
40
mA
Io
Short Circuit to Ground
VCC = +15V
40
60
mA
Isink
Output Current Sink
VCC = +15V, Vo = 2V
10
20
mA
VOH
High Level Output Voltage
VCC
+ = 30V
Tamb = 25°C, RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
27
27
28
V
VOL
Low Level Output Voltage
RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
520
20
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com