Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-9625-2-R76M Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-9625-2-R76M
Description  SHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-9625-2-R76M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-9625-2-R76M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-9625-2-R76M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-9625-2-R76M Datasheet HTML 3Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
392
RL-9625-2
Renco Part No.
RL-9625-2
Inductance
(µH)
Inductance @
Irms Min. (µH)
DCR Max.
(Ohms)
Irms
(A)
Inductance
(µH)
Inductance @
Irms Min. (µH)
DCR Max.
(Ohms)
Irms
(A)
RL-9625-2-R49M
0.49 ± 20%
0.37
0.0093
7.90
1.95 ± 20%
1.49
0.019
3.95
RL-9625-2-R76M
0.76 ± 20%
0.56
0.0112
7.20
3.05 ± 20%
2.24
0.023
3.60
RL-9625-2-1R1M
1.10 ± 20%
0.81
0.0166
5.90
4.39 ± 20%
3.24
0.033
2.95
RL-9625-2-1R9M
1.90 ± 20%
1.42
0.0274
4.60
7.81 ± 20%
5.69
0.055
2.30
RL-9625-2-5R1M
5.10 ± 20%
3.56
0.0534
3.30
20.62 ± 20%
14.23
0.107
1.65
RL-9625-2-7R8M
7.80 ± 20%
5.15
0.0653
3.00
31.23 ± 20%
20.61
0.131
1.50
RL-9625-2-9R8M
9.80 ± 20%
6.70
0.0933
2.50
39.53 ± 20%
26.79
0.187
1.25
RL-9625-2-140M
14.00 ± 20%
9.52
0.1139
2.30
59.05 ± 20%
38.09
0.228
1.15
RL-9625-2-200M
20.00 ± 20%
13.44
0.1684
1.90
82.47 ± 20%
53.76
0.337
0.95
RL-9625-2-250M
25.00 ± 20%
17.17
0.2306
1.60
102.60 ± 20%
68.68
0.461
0.80
RL-9625-2-330M
33.00 ± 20%
22.93
0.3312
1.30
132.86 ± 20%
91.72
0.662
0.65
RL-9625-2-480M
48.00 ± 20%
32.21
0.4025
1.20
195.20 ± 20%
128.16
0.805
0.60
RL-9625-2-670M
67.00 ± 20%
43.04
0.4760
1.10
269.50 ± 20%
172.16
0.952
0.55
RL-9625-2-990M
99.00 ± 20%
69.54
1.1300
0.72
396.38 ± 20%
278.15
2.259
0.36
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. TURNS RATIO 1:1
3. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
4. INDUCTANCE TESTED AT 100 kHz, 0.25Vrms
5. HIPOT TESTED AT 300 VDC, 1mA MAX FOR 1 SECOND
PARALLEL
SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com