Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC895199K Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC895199K
Description  32 CD-ROM Decoder with ATAPI (IDE) Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895199K Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC895199K Datasheet HTML 1Page - Sanyo Semicon Device LC895199K Datasheet HTML 2Page - Sanyo Semicon Device LC895199K Datasheet HTML 3Page - Sanyo Semicon Device LC895199K Datasheet HTML 4Page - Sanyo Semicon Device LC895199K Datasheet HTML 5Page - Sanyo Semicon Device LC895199K Datasheet HTML 6Page - Sanyo Semicon Device LC895199K Datasheet HTML 7Page - Sanyo Semicon Device LC895199K Datasheet HTML 8Page - Sanyo Semicon Device LC895199K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
No. 6238-2/12
LC895199K
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD5 max
Ta = 25°C
–0.3 to +6.0
V
VDD3 max
Ta = 25°C
–0.3 to +4.6
V
Input/output voltage
VI15, VO5
Ta = 25°C
–0.3 to VDD5 + 0.3
V
VI13, VO3
Ta = 25°C
–0.3 to VDD3 + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
550
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering temperature (pin part only)
10 s
235
°C
Input/output power
II, IO
*
±20
mA
Specifications
Absolute Maximum Ratings at VSS = 0 V
Note: * Per 1 input/output reference cell
Changes from the LC895199
Items changed from the LC895199-MK2
• Revision 4.
• The DVD-ROM and DVD-RAM interface functions
have been removed.
• The buffer circuits for the DRAM pins (RAS, CAS0,
CAS1, OE, WE, and A0 to A8) have been changed from
8 mA sink to 4 mA sink.
• The buffer circuits for the D/A converter output pins
(DSDATA, DLRCK, DBCK) have been changed from
8 mA sink to 4 mA sink.
• The amount of external DRAM supported has been
changed from 16M to 4M.
• The MCK3 output has been changed to a 1/1, 1/2, stop
output.
• Settings have been added for cases when the PLL circuit
is not used. (W register R46 bit 7 (set to 1) and C
register R1 (set to 40h))
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
3.0
3.3
3.6
V
Input voltage range
VIN
0VDD
V
Internal Cell 3.3 V Supply Voltage
Allowable Operating Range at Ta = –30 to +70°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0VDD
V
IO Cell 5.0 V Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com