Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C5877 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C5877
Description  Plenum QMA Male Right Angle to QMA Male Right Angle Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5877 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C5877 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5877 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5877 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5877 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5877 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5877 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
Connectors
Description
Connector 1
Connector 2
Type
QMA Male Right Angle
QMA Male Right Angle
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Silver
Brass, Silver
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Phosphor Bronze, Tri-Metal
Phosphor Bronze, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Coupling Nut Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C5877 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum QMA Male Right Angle to QMA Male Right Angle Low PIM Cable Using SPP-250-LL-
PL Coax , LF Solder PE3C5877
RF Cable Assemblies Technical Data Sheet
Plenum QMA Male Right Angle to QMA Male Right Angle
Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
PE3C5877



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com