Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT20188S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT20188S
Description  ADSL Transformer for Conexant AccessRunner Chipset
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT20188S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT20188S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNIVERSAL MICROELECTRONICS CO.,LTD
3,27TH RD.,TAICHUNG INDUSTRIAL PARK,
TEL:886-4-23590096
FAX:886-4-23590129
TAICHUNG,TAIWAN,R.O.C
http://www.umec-web.com
E-mail:business@umec.com.tw
ADSL
SPECIFICATIONS
REV.
UM MODEL NO.:
UT20188S
ADSL Transformer for Conexant AccessRunner Chipset
A4
05/13
Electrical specification at 25
oC:
1.)Turns Ratio and Polarity
: 3.3CS : 1CS
±2% , Line Side : Chip Side .
2.)D.C.R
: 0.55
Ω max. , PIN(10-7).
: 0.55
Ω max. , PIN(9-6) .
: 0.20
Ω max., PIN(1-4) .
: 0.20
Ω max., PIN(2-5) .
3.)Line Side Inductance
: 800uH
±5%, at 10KHz 100mV, PIN(10-6) ; PIN(7-9) shorted .
4.)Leakage Inductance
: 10uH max. , at 100KHz 100mV, PIN(10-6); PIN(7-9)&PIN(1-4-2-5) shorted.
5.)Longitudinal Balance
: 50dB min ., 30KHz ~ 1.1MHz .
6.)T.H.D
: -87dB max. , at 30KHz 2.5Vrms .
7.)HI-pot test
: 1500Vac 60s or 1875Vac 2s , Line side to Chip side .
8.)Operating Temperature
: -40 to +85
oC
Note: The SBBG series transformer meets the specifications for supplementary insulation per UL60950-1,
CSA60950-1, IEC60950-1 with working voltage of 250V.
Schematic diagram & Dimension:
Pb
Green Product
SUGGESTED P.C.B. LAYOUT
NOTE : 1. Packaging Information: Tape and Reel according to Item NO.“EP13(SMD)” OF DATA SHEET 01-00
2. For RoHS compliant products:
a.) The UMEC ordering code: TG-UT20188S
b.) Date Code suffix to “G” (xxxxG).
c.) Solder : Sn/Ag/Cu .
3. Specifications are subject to change without prior notice.
UNIT : mm
Tolerances :
±0.2mm
AGENCY APPROVALS
UL60950-1
: FILE NO. E212730
IEC950/EN60950
: CB JPTUV-005419
CSA 60950-1 (via C-UL) : FILE NO. E212730
Nordic, Japan, & Australia Deviations : CB JPTUV-005419
Nemko (EN60950-1)
: Certificate NO. P05203908
IEC60950-1
: in processing
E10-033-C
Line side
Chip side


Similar Part No. - UT20188S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT2010 MICROSEMI-UT2010 Datasheet
139Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT2010 DIGITRON-UT2010 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
UT2010 NJSEMI-UT2010 Datasheet
92Kb / 2P
Standard Recovery, 2 Amp to 4 Amp
More results

Similar Description - UT20188S

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX11627 CONEXANT-CX11627 Datasheet
366Kb / 56P
AccessRunner ADSL-USB Modem Device Set
AR-11627 CONEXANT-AR-11627 Datasheet
159Kb / 24P
AccessRunner ADSL Modem Device Set for PCI Applications
logo
STMicroelectronics
ST20138 STMICROELECTRONICS-ST20138 Datasheet
121Kb / 6P
PCI/USB ADSL CHIPSET
Sep-2004
logo
List of Unclassifed Man...
XT0010 ETC2-XT0010 Datasheet
182Kb / 2P
ADSL Transformer For Conexant
logo
Pulse A Technitrol Comp...
BX2516W PULSE-BX2516W Datasheet
39Kb / 1P
ADSL LINE TRANSFORMER For Conexant CO Chipset
BX2565L PULSE-BX2565L Datasheet
49Kb / 1P
ADSL LINE TRANSFORMER For Use with Centillium Maximus Chipset
B2243 PULSE-B2243 Datasheet
72Kb / 1P
ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset
logo
TALEMA Group. LLC
AEP1100-T TALEMA-AEP1100-T Datasheet
47Kb / 1P
ADSL Transformers for Conexant Chipsets
logo
MPS Industries, Inc.
B3336G MPSIND-B3336G Datasheet
176Kb / 1P
VDSL LINE TRANSFORMER CONEXANT ACCELITY I CHIPSET
B3337G MPSIND-B3337G Datasheet
167Kb / 1P
VDSL LINE TRANSFORMER CONEXANT ACCELITY, ACCELITY I & II CHIPSET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com