Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3503 Datasheet(PDF) 2 Page - California Eastern Labs

Part # THEVAL3503
Description  16-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3503 Datasheet(HTML) 2 Page - California Eastern Labs

  THEVAL3503 Datasheet HTML 1Page - California Eastern Labs THEVAL3503 Datasheet HTML 2Page - California Eastern Labs THEVAL3503 Datasheet HTML 3Page - California Eastern Labs THEVAL3503 Datasheet HTML 4Page - California Eastern Labs THEVAL3503 Datasheet HTML 5Page - California Eastern Labs THEVAL3503 Datasheet HTML 6Page - California Eastern Labs THEVAL3503 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Security E
THAN0165_Rev.2.00_E
THine Electronics, Inc.
1/6
Copyright(C)2015 THine Electronics, Inc.
THL3503 Evaluation Board (THEVAL3503)
16-channel LED Driver with LVDS Interface
Overview
TheTHL3503isanLEDdriverwith16channelconstant
currentsinkoutputs.Theconstantcurrentvaluesfor threeoutput
groupsaredeterminedbyexternalresistors.
TheembeddedoscillatorandPWMcontroller individually
generates256-stepbrightnesssetbythe dedicatedregistersfor
eachchannel.
Theserialinterfaceof2-pairLVDSlines(clockand data)features
high-levelnoisetolerance,high-speed,and long-distance
transmission.
TheLVDSallowingcascadedandmulti-dropconnection offers
themaximumflexibilityfordesignerstoplaceand connectLED
drivers.
Thesimpleandone-waycommunicationprotocolis
easily-controlledandrequireslessCPUresources.
Applications
Amusement
LEDBacklight
LEDDisplay
DigitalSignage
Illumination
Features
<Driverpart>
-ConstantCurrentOutput:16channels
-OutputSinkCurrent:upto40mA/ch
-Outputvoltage:upto40V
-IndividualBrightnessControl:256steps
-GroupBrightnessControl:64steps
-Outputdisable/enable
<Serialinterfacepart>
-2-pairSerialLVDSInputor3-wireSerialCMOSInput upto
10Mbps
-BridgeFunctionConverting3-wireSerial CMOSInputto
2-pairSerialLVDSOutput
-Repeaterfunctionof2-pairSerialLVDSInput/Output with
WaveformandTimingCorrection
-DeviceAddressSelectionupto62addresses
-Generalcalltoalldevices
<ProtectionCircuits>
-UVLO,OvercurrentProtection,ThermalShutdown
-SupplyVoltage:3.0~5.5V
-Package:QFN40-pinExposedPad
Description
Figure 1 Board Overview



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com