Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA16308 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16308
Description  Asymmetric beam for wall-washing. Assembly with holder and installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16308 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16308 Datasheet HTML 1Page - Ledil, Inc. CA16308 Datasheet HTML 2Page - Ledil, Inc. CA16308 Datasheet HTML 3Page - Ledil, Inc. CA16308 Datasheet HTML 4Page - Ledil, Inc. CA16308 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA16308_OLGA-WAS
OLGA-WAS
Asymmetric beam for wall-washing. Assembly
with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 32.0 mm
Height
20.8 mm
Fastening
tape
Colour
black
Box size
476 x 273 x 292 mm
Box weight
9 kg
Quantity in Box
792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLGA-WAS
Single lens
PMMA
clear
OLGA-HLD
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 18/01/2019
Subject to change without prior notice
Published: 14/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA16308

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16338 LEDIL-CA16338 Datasheet
1Mb / 4P
~17째 spot beam. Variant made from PC.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
~60째 beam. Assembly with installation tape
CA16372 LEDIL-CA16372 Datasheet
1Mb / 4P
~90째 beam. Assembly with installation tape
More results

Similar Description - CA16308

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15365 LEDIL-CA15365 Datasheet
1Mb / 4P
Oval beam for wall-washing. Assembly with black holder and installation tape.
CA15536 LEDIL-CA15536 Datasheet
1Mb / 4P
Asymmetric beam. Assembly with holder and installation tape.
FN15380 LEDIL-FN15380 Datasheet
10Mb / 13P
Asymmetric beam for wall washing with holder A compatible
FN15388 LEDIL-FN15388 Datasheet
12Mb / 14P
Double asymmetric beam for wall washing and supermarket applications with holder
FN15731 LEDIL-FN15731_18 Datasheet
9Mb / 9P
Asymmetric beam for wall washing with holder B compatible
FN15977 LEDIL-FN15977 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder A compatible
FN15978 LEDIL-FN15978 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder B compatible
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
Asymmetric beam for wall washing
CP17598 LEDIL-CP17598 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
F14344 LEDIL-F14344 Datasheet
9Mb / 10P
Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com