Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLJC2-252R+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BLJC2-252R+
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BLJC2-252R+ Datasheet(HTML) 1 Page - Mini-Circuits

  BLJC2-252R+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50Ω
2400 to 2500 MHz
1:2 Ratio
RFTransformer
BLJC2-252R+
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature*
-40°C to 85°C
Input RF Power**
1W at 25°C
Electrical Specifications at 25°C
REV. OR
M172548
BLJC2-252R+
AV/CP/AM
190321
Typical Performance Data at 25°C**
Features
• miniature size 0603 (0.063”[1.6mm] x
0.031”[0.8mm] x 0.024” [0.6mm])
• low phase unbalance, 5.9 deg.
and amplitude unbalance, 0.2 dB typ.
• low cost
• aqueous washable
Applications
• ISM Band
• WLAN
• Bluetooth
• Zigbee
LTCC Balun
Outline Drawing
FREQUENCY
(GHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
* Tested on Evaluation Board TB-1011+
†
Relative to 180°
0.70
0.72
0.74
0.76
0.78
0.80
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLJC2-252R+
INSERTION LOSS
0.0
0.1
0.2
0.3
0.4
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLJC2-252R+
AMPLITUDE UNBALANCE
0
2
4
6
8
10
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLJC2-252R+
PHASE UNBALANCE
** Measured with Agilent E5071B network analyzer using impedance conversion and port extension.
Evaluation Board MCL P/N: TB-1011+
Suggested PCB Layout (PL-558)
Pad Connections
PRIMARY DOT (Unbalanced Port)
1
GND or DC FEED
2
SECONDARY DOT (Balanced)
3
SECONDARY (Balanced)
4
NO CONNECTION
6
NOT USED (GND Externally)
5
Outline Dimensions (
)
inch
mm
2.40
0.70
20.34
0.17
5.15
2.41
0.70
20.02
0.16
5.03
2.42
0.71
19.72
0.16
4.91
2.43
0.71
19.44
0.15
4.78
2.44
0.71
19.17
0.15
4.64
2.45
0.72
18.93
0.15
4.50
2.46
0.72
18.69
0.14
4.34
2.47
0.73
18.47
0.14
4.19
2.48
0.73
18.26
0.13
4.02
2.49
0.73
18.06
0.13
3.85
2.50
0.74
17.87
0.13
3.68
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
F
.063
.031
.024
.012
.008
.006
1.60
0.79
0.61
0.30
0.20
0.15
G
H
J
K
wt
.020
.010
.022
.053
grams
0.51
0.25
0.56
1.35
0.005
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
2
Frequency Range
2400
—
2500
MHz
Insertion Loss*
2400 - 2500
—
0.7
1.2
dB
Amplitude Unbalance
2400 - 2500
—
0.2
1.5
dB
Phase Unbalance†
2400 - 2500
—
5.9
10
Degree
Unbalance Return Loss
2400 - 2500
9.5
22
—
dB
*Refer to product storage temperature after installation.
Suggestion for T&R unused product storage condition: +5~+35°C,
Humidity 45~75%RH, 12 Month max.
Permanent damage may occur if any of these limits are exceeded.
**Derate linearly to 0.5W at 85°C.
CASE STYLE: JC0603C
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Configuration J
NO
CONNECTION*
PRI
SEC
*Internal open circuit


Similar Part No. - BLJC2-252R+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLJC2-542R MINI-BLJC2-542R Datasheet
294Kb / 1P
RF Transformer
BLJC2-542R+ MINI-BLJC2-542R+ Datasheet
294Kb / 1P
RF Transformer
More results

Similar Description - BLJC2-252R+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com