Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPJC-6-252R Datasheet(PDF) 1 Page - Mini-Circuits

Part # CPJC-6-252R
Description  LTCC Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CPJC-6-252R Datasheet(HTML) 1 Page - Mini-Circuits

  CPJC-6-252R Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
A
B
C
D
E
F
.063
.031
.024
.012
.008
.006
1.60
0.79
0.61
0.30
0.20
0.15
G
H
J
K
wt
.020
.010
.022
.053
grams
0.51
0.25
0.56
1.35
0.005
Frequency
(GHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Out
Cpl
Typical Performance Data
Maximum Ratings
Pad Connections
Outline Dimensions (
)
inch
mm
0.0
0.5
1.0
1.5
2.0
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-6-252R+
MAINLINE LOSS
0
10
20
30
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-6-252R+
RETURN LOSS
IN
OUT
CPL
CPJC-6-252R+
0
10
20
30
40
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-6-252R+
COUPLING & DIRECTIVITY
COUPLING
DIRECTIVITY
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
50Ω
2400 to 2500 MHz 6dB Coupling
LTCC Coupler
REV. OR
M172548
CPJC-6-252R+
SL/CP/AM
190424
CASE STYLE:
JC0603C
Features
• miniature size 0603
• low cost
• aqueous washable
Applications
• ISM Band
• WLAN
• Bluetooth
• Zigbee
Operating Temperature
-40°C to 85°C
Storage Temperature*
-40°C to 85°C
2.400
1.20
6.70
18.45
24.38
22.52
13.91
2.411
1.21
6.67
18.53
24.46
22.52
13.97
2.420
1.22
6.64
18.59
24.59
22.56
14.02
2.432
1.23
6.61
18.63
24.70
22.58
14.09
2.441
1.23
6.58
18.72
24.82
22.67
14.14
2.450
1.24
6.56
18.77
24.85
22.70
14.20
2.461
1.25
6.53
18.84
24.93
22.78
14.25
2.470
1.26
6.51
18.89
25.03
22.80
14.31
2.482
1.27
6.48
18.99
25.13
22.87
14.38
2.491
1.27
6.45
19.04
25.22
22.91
14.41
2.500
1.28
6.43
19.08
25.26
22.92
14.45
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
2400
2500
MHz
Mainline Loss
2400 - 2500
—
1.27
1.83
dB
Coupling
2400 - 2500
—
6.5±1.0
—
dB
Directivity
2400 - 2500
13.5
18
—
dB
Return Loss (Input)
2400 - 2500
13.9
21
—
dB
Return Loss (Output)
2400 - 2500
13.9
21
—
dB
Input Power1
2400 - 2500
—
—
2
W
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Evaluation Board MCL P/N: TB-1031+
Suggested PCB Layout (PL-572)
Outline Drawing
Electrical Schematic
*Refer to product storage temperature after installation.
Suggestion for T&R unused product storage condition: +5~+35°C,
Humidity 45~75%RH, 12 Month max.
Permanent damage may occur if any of these limits are exceeded.
Input
1
GND
2
Coupled
3
Termination
4
GND
5
Output
6
1. Derate linearly to 1W at 85°C.
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000


Similar Part No. - CPJC-6-252R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CPJC-17-252R MINI-CPJC-17-252R Datasheet
330Kb / 1P
Ceramic Coupler
CPJC-17-252R+ MINI-CPJC-17-252R+ Datasheet
330Kb / 1P
Ceramic Coupler
CPJC-21-252R MINI-CPJC-21-252R Datasheet
328Kb / 1P
LTCC Coupler
CPJC-21-252R+ MINI-CPJC-21-252R+ Datasheet
328Kb / 1P
LTCC Coupler
CPJC-28-252R MINI-CPJC-28-252R Datasheet
328Kb / 1P
LTCC Coupler
More results

Similar Description - CPJC-6-252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCP2150M30 ETC-RCP2150M30 Datasheet
78Kb / 1P
LTCC Directional Coupler
logo
Mini-Circuits
BFCN-7350+ MINI-BFCN-7350+ Datasheet
149Kb / 1P
LTCC Bandpass Filter
BFCN-1575 MINI-BFCN-1575 Datasheet
140Kb / 1P
LTCC Bandpass Filter
BFCN-7700 MINI-BFCN-7700 Datasheet
308Kb / 2P
LTCC Bandpass Filter
BFCV-2895 MINI-BFCV-2895 Datasheet
560Kb / 3P
LTCC Bandpass Filter
BFCV-4085 MINI-BFCV-4085 Datasheet
602Kb / 3P
LTCC Bandpass Filter
BFCV-5270 MINI-BFCV-5270 Datasheet
570Kb / 3P
LTCC Bandpass Filter
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2520070L4T WALSIN-AMDIP2520070L4T Datasheet
552Kb / 6P
LTCC Process
logo
Mini-Circuits
CPJC-21-252R MINI-CPJC-21-252R Datasheet
328Kb / 1P
LTCC Coupler
CPJC-28-252R MINI-CPJC-28-252R Datasheet
328Kb / 1P
LTCC Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com