Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPJC-17-252R Datasheet(PDF) 1 Page - Mini-Circuits

Part # CPJC-17-252R
Description  Ceramic Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CPJC-17-252R Datasheet(HTML) 1 Page - Mini-Circuits

  CPJC-17-252R Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
A
B
C
D
E
F
.063
.031
.024
.012
.008
.006
1.60
0.79
0.61
0.30
0.20
0.15
G
H
J
K
wt
.020
.010
.022
.053
grams
0.51
0.25
0.56
1.35
0.005
Frequency
(GHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Out
Cpl
Typical Performance Data
Maximum Ratings
Pad Connections
Input
1
GND
2
Coupled
3
Termination
4
GND
5
Output
6
Outline Dimensions (
)
inch
mm
0.0
0.1
0.2
0.3
0.4
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-17-252R+
MAINLINE LOSS
10
15
20
25
30
35
40
45
50
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-17-252R+
RETURN LOSS
IN
OUT
CPL
CPJC-17-252R+
0
10
20
30
40
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-17-252R+
COUPLING & DIRECTIVITY
COUPLING
DIRECTIVITY
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
50Ω
2400 to 2500 MHz 17dB Coupling
Ceramic Coupler
REV. OR
M172548
CPJC-17-252R+
SL/CP/AM
190424
CASE STYLE:
JC0603C
Features
• miniature size 0603 (0.063"[1.6mm] x 0.031"
[0.8mm] x 0.024"[0.6mm])
• low cost
• aqueous washable
Applications
• ISM Band
• WLAN
• Bluetooth
• Zigbee
Operating Temperature
-40°C to 85°C
Storage Temperature*
-40°C to 85°C
2.40
0.14
17.87
12.20
39.22
41.77
11.60
2.41
0.14
17.84
12.21
39.00
41.23
11.59
2.42
0.14
17.81
12.22
38.68
39.94
11.57
2.43
0.14
17.79
12.27
38.64
39.47
11.55
2.44
0.14
17.75
12.29
38.26
38.58
11.55
2.45
0.14
17.72
12.31
37.85
37.68
11.54
2.46
0.14
17.70
12.34
37.38
37.23
11.53
2.47
0.14
17.67
12.37
36.94
36.69
11.53
2.48
0.15
17.64
12.37
36.34
36.13
11.52
2.49
0.15
17.61
12.40
36.26
35.70
11.51
2.50
0.15
17.58
12.41
35.83
35.49
11.49
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
2400
2500
MHz
Mainline Loss
2400 - 2500
—
0.14
0.45
dB
Coupling
2400 - 2500
16.65
17.65
18.65
dB
Directivity
2400 - 2500
6
12
—
dB
Return Loss (Input)
2400 - 2500
15.5
31
—
dB
Return Loss (Output)
2400 - 2500
15.5
32
—
dB
Input Power1
2400 - 2500
—
—
2
W
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Demo Board MCL P/N: TB-1031-17+
Suggested PCB Layout (PL-572)
Outline Drawing
Electrical Schematic
*Refer to product storage temperature after installation.
Suggestion for T&R unused product storage condition: +5~+35°C,
Humidity 45~75%RH, 12 Month max.
Permanent damage may occur if any of these limits are exceeded.
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
1. Derate linearly to 1W at 85°C.


Similar Part No. - CPJC-17-252R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CPJC-21-252R MINI-CPJC-21-252R Datasheet
328Kb / 1P
LTCC Coupler
CPJC-21-252R+ MINI-CPJC-21-252R+ Datasheet
328Kb / 1P
LTCC Coupler
CPJC-28-252R MINI-CPJC-28-252R Datasheet
328Kb / 1P
LTCC Coupler
CPJC-28-252R+ MINI-CPJC-28-252R+ Datasheet
328Kb / 1P
LTCC Coupler
CPJC-6-252R MINI-CPJC-6-252R Datasheet
329Kb / 1P
LTCC Coupler
More results

Similar Description - CPJC-17-252R

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
Coupler
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
logo
Taiyo Yuden (U.S.A.), I...
FI168W1697B1-T TAIYO-YUDEN-FI168W1697B1-T Datasheet
266Kb / 2P
Multilayer Ceramic Devices (2 Branch Coupler)
FI168K1687AA-T TAIYO-YUDEN-FI168K1687AA-T Datasheet
247Kb / 2P
Multilayer Ceramic Devices (Coupler)
TSC1N18D1G68NC0AAT TAIYO-YUDEN-TSC1N18D1G68NC0AAT Datasheet
303Kb / 2P
Multilayer Ceramic Devices (Coupler)
2022.04.08
TSC4N18F1G69NS0B1T TAIYO-YUDEN-TSC4N18F1G69NS0B1T Datasheet
320Kb / 2P
Multilayer Ceramic Devices (2 Branch Coupler)
2022.04.08
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
Coupler
07.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com