Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N100P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN38N100P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N100P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN38N100P Datasheet HTML 1Page - IXYS Corporation IXFN38N100P Datasheet HTML 2Page - IXYS Corporation IXFN38N100P Datasheet HTML 3Page - IXYS Corporation IXFN38N100P Datasheet HTML 4Page - IXYS Corporation IXFN38N100P Datasheet HTML 5Page - IXYS Corporation IXFN38N100P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
1000
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
1000
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C
38
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
120
A
I
A
T
C = 25C
19
A
E
AS
T
C = 25C2
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
20
V/ns
P
D
T
C = 25C
1000
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
V
ISOL
50/60 Hz, RMS, t = 1minute
2500
V~
I
ISOL 1mA,
t = 1s
3000
V~
M
d
Mounting Torque for Base Plate
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/Ib.in
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.5
6.5
V
I
GSS
V
GS = 30V, VDS = 0V
300 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
A
T
J = 125C
4 mA
R
DS(on)
V
GS = 10V, ID = 19A, Note 1
210 m
PolarTM HiperFETTM
Power MOSFET
IXFN38N100P
V
DSS
=
1000V
I
D25
=
38A
R
DS(on)

210m
t
rr

300ns
DS99866C(8/17)
N-Channel Enhancement Mode
Fast Intrinsic Rectifier
Features
International Standard Package
Low Intrinsic Gate Resistance
miniBLOC with Aluminum Nitride
Isolation
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
AC Motor Control
High Speed Power Switching
Appliccation
miniBLOC
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
Either Source Terminal S can be used as
the Source Terminal or the Kelvin Source
(Gate Return) Terminal.
S
S
D
G


Similar Part No. - IXFN38N100P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN38N100P IXYS-IXFN38N100P Datasheet
124Kb / 5P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFN38N100P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com