Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN39N90 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN39N90
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN39N90 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN39N90 Datasheet HTML 1Page - IXYS Corporation IXFN39N90 Datasheet HTML 2Page - IXYS Corporation IXFN39N90 Datasheet HTML 3Page - IXYS Corporation IXFN39N90 Datasheet HTML 4Page - IXYS Corporation IXFN39N90 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
900
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
900
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
39
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
154
A
I
A
T
C = 25°C39
A
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
5
V/ns
P
D
T
C = 25°C
694
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
I
ISOL ≤ 1mA
t = 1 second
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
HiPerFETTM
Power MOSFET
Single MOSFET Die
N-Channel Enhancement Mode
Avalanche Rated
IXFN39N90
V
DSS
= 900V
I
D25
= 39A
R
DS(on) ≤
≤≤≤≤ 220mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
High Current Handling Capability
Fast Intrinsic Diode
Avalanche Rated
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperture and Lighting Controls
Either Source Terminal at miniBLOC
can be used as Main or Kelvin Source.
miniBLOC, SOT-227
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
DS98628C(6/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0V, ID = 3mA
900
V
BV
DSS
Temperature Dependence
3.68
V/K
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
V
GS(th)
Temperature Dependence
-0.009
V/K
I
GSS
V
GS = ±20V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
100
μA
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
220 m
Ω


Similar Part No. - IXFN39N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
More results

Similar Description - IXFN39N90

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com