Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C152JC Datasheet(PDF) 1 Page - Intel Corporation

Part # P83C152JC
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C152JC Datasheet(HTML) 1 Page - Intel Corporation

  P83C152JC Datasheet HTML 1Page - Intel Corporation P83C152JC Datasheet HTML 2Page - Intel Corporation P83C152JC Datasheet HTML 3Page - Intel Corporation P83C152JC Datasheet HTML 4Page - Intel Corporation P83C152JC Datasheet HTML 5Page - Intel Corporation P83C152JC Datasheet HTML 6Page - Intel Corporation P83C152JC Datasheet HTML 7Page - Intel Corporation P83C152JC Datasheet HTML 8Page - Intel Corporation P83C152JC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
October 1989
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270431-003
8XC152JAJBJCJD
UNIVERSAL COMMUNICATION CONTROLLER
8-BIT MICROCONTROLLER
X 8K Factory Mask Programmable ROM Available
Y
Superset of 80C51 Architecture
Y
Multi-Protocol Serial Communication
IO Port (2048 Mbps24 Mbps Max)
SDLCHDLC Only
CSMACD and SDLCHDLC
User Definable Protocols
Y
Full DuplexHalf Duplex
Y
MCS -51 Compatible UART
Y
165 MHz Maximum Clock Frequency
Y
Multiple Power Conservation Modes
Y
64KB Program Memory Addressing
Y
64KB Data Memory Addressing
Y
256 Bytes On-Chip RAM
Y
Dual On-Chip DMA Channels
Y
HoldHold Acknowledge
Y
Two General Purpose TimerCounters
Y
5 or 7 IO Ports
Y
56 Special Function Registers
Y
11 Interrupt Sources
Y
Available in 48 Pin Dual-in-Line Package
and 68 Pin Surface Mount PLCC
Package
(See Packaging Spec Order
231369)
The 80C152 which is based on the MCS -51 CPU is a highly integrated single-chip 8-bit microcontroller
designed for cost-sensitive high-speed serial communications It is well suited for implementing Integrated
Services Digital Networks (ISDN) emerging Local Area Networks and user defined serial backplane applica-
tions In addition to the multi-protocol communication capability the 80C152 offers traditional microcontroller
features for peripheral IO interface and control
Silicon implementations are much more cost effective than multi-wire cables found in board level parallel-to-
serial and serial-to-parallel converters The 83C152 contains in silicon all the features needed for the serial-
to-parallel conversion Other 83C152 benefits include 1) better noise immunity through differential signaling or
fiber optic connections 2) data integrity utilizing the standard designed in CRC checks and 3) better modulari-
ty of hardware and software designs All of thesecost network parameter and real estate improvements
apply to 83C152 serial links between boards or systems and 83C152 serial links on a single board


Similar Part No. - P83C152JC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P83C151SA INTEL-P83C151SA Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C151SB INTEL-P83C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - P83C152JC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
8044AH INTEL-8044AH Datasheet
1Mb / 26P
HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
NXP Semiconductors
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
NXP Semiconductors
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com