Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80C152JC Datasheet(PDF) 5 Page - Intel Corporation

Part # P80C152JC
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P80C152JC Datasheet(HTML) 5 Page - Intel Corporation

  P80C152JC Datasheet HTML 1Page - Intel Corporation P80C152JC Datasheet HTML 2Page - Intel Corporation P80C152JC Datasheet HTML 3Page - Intel Corporation P80C152JC Datasheet HTML 4Page - Intel Corporation P80C152JC Datasheet HTML 5Page - Intel Corporation P80C152JC Datasheet HTML 6Page - Intel Corporation P80C152JC Datasheet HTML 7Page - Intel Corporation P80C152JC Datasheet HTML 8Page - Intel Corporation P80C152JC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
8XC152JAJBJCJD
Pin
Pin Description
DIP
PLCC(1)
48
2
VCC Supply voltage
24
333(2)
VSS Circuit ground
18-21
27-30
Port 0
Port 0 is an 8-bit open drain bidirectional IO port As an output port each pin
25-28
34-37
can sink 8 LS TTL inputs Port 0 pins that have 1s written to them float and in that
state can be used as high-impedance inputs
Port 0 is also the multiplexed low-order address and data bus during accesses to
external program memory if EBEN is pulled low During accesses to external Data
Memory Port 0 always emits the low-order address byte and serves as the multiplexed
data bus In these applications it uses strong internal pullups when emitting 1s
Port 0 also outputs the code bytes during program verification External pullups are
required during program verification
1-8
4-11
Port 1
Port 1 is an 8-bit bidirectional IO port with internal pullups Port 1 pins that
have 1s written to them are pulled high by the internal pullups and in that state can be
used as inputs As inputs Port 1 pins that are externally being pulled low will source
current (IIL on the data sheet) because of the internal pullups
Port 1 also serves the functions of various special features of the 8XC152 as listed
below
Pin
Name
Alternate Function
P10
GRXD
GSC data input pin
P11
GTXD
GSC data output pin
P12
DEN
GSC enable signal for an external driver
P13
TXC
GSC input pin for external transmit clock
P14
RXC
GSC input pin for external receive clock
P15
HLD
DMA hold inputoutput
P16
HLDA
DMA hold acknowledge inputoutput
29-36
41-48
Port 2
Port 2 is an 8-bit bidirectional IO port with internal pullups Port 2 pins that
have 1s written to them are pulled high by the internal pullups and in that state can be
used as inputs As inputs Port 2 pins that are externally being pulled low will source
current (IIL on the data sheet) because of the internal pullups
Port 2 emits the high-order address byte during fetches from external Program
Memory if EBEN is pulled low During accesses to external Data Memory that use 16-
bit addresses (MOVX
DPTR and DMA operations) Port 2 emits the high-order
address byte In these applications it uses strong internal pullups when emitting 1s
During accesses to external Data Memory that use 8-bit addresses (MOVX
Ri)
Port 2 emits the contents of the P2 Special Function Register
Port 2 also receives the high-order address bits during program verification
10- 17
14-16
Port 3
Port 3 is an 8-bit bidirectional IO port with internal pullups Port 3 pins that
18 19
have 1s written to them are pulled high by the internal pullups and in that state can be
23-25
used as inputs As inputs Port 3 pins that are externally being pulled low will source
current (IIL on the data sheet) because of the pullups
Port 3 also serves the functions of various special features of the MCS-51 Family as
listed below
Pin
Name
Alternate Function
P30
RXD
Serial input line
P31
TXD
Serial output line
P32
INT0
External Interrupt 0
P33
INT1
External Interrupt 1
P34
T0
Timer 0 external input
P35
T1
Timer 1 external input
P36
WR
External Data Memory Write strobe
P37
RD
External Data Memory Read strobe
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com