Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAP6WAGSCZ Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # FAP6WAGSCZ
Description  Opticom짰 Fiber Adapter Panels (FAPs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FAP6WAGSCZ Datasheet(HTML) 2 Page - PANDUIT CORP.

  FAP6WAGSCZ Datasheet HTML 1Page - PANDUIT CORP. FAP6WAGSCZ Datasheet HTML 2Page - PANDUIT CORP. FAP6WAGSCZ Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Opticom® MPO Fiber Optic Adapter Panels (FAPs)
Fiber Type
Adapter Color
FAP Orientation
4 Adapters
6 Adapters
8 Adapters
OM3/OM4,
OM2, OM1 and
OS1/OS2
Black
Horizontal
FAPH0412BLMPO
FAPH0612BLMPO
FAPH0812BLMPO
12 Adapters
16 Adapters
18 Adapters
FAPH1212BLMPO
FAPH1612BLMPO
FAPH1812BLMPO
FAP Orientation
4 Adapters
6 Adapters
8 Adapters
Vertical
FAPV0412BLMPO
FAPV0612BLMPO
FAPV0812BLMPO
LC Opticom® Fiber Adapter Panels (Duplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
6 Adapters
8 Adapters
12 Adapters
OM3/OM4
Aqua
Zirconia Ceramic
FAP6WAQDLCZ
FAP8WAQDLCZ
FAP12WAQDLCZ
Phosphor Bronze
FAP6WAQDLC
FAP8WAQDLC
FAP12WAQDLC
OM2
Black
Phosphor Bronze
FAP6WBLDLC
FAP8WBLDLC
FAP12WBLDLC
OM1
Electric Ivory
Phosphor Bronze
FAP6WEIDLC
FAP8WEIDLC
FAP12WEIDLC
OS1/OS2
Blue
Zirconia Ceramic
FAP6WBUDLCZ
FAP8WBUDLCZ
FAP12WBUDLCZ
LC Opticom® Fiber Adapter Panels (Simplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
12 Adapters
OM3/OM4
Aqua
Zirconia Ceramic
FAP12WAQLCZ
OS1/OS2
Blue
Zirconia Ceramic
FAP12WBULCZ
LC Opticom® Fiber Adapter Panels, Angle Polish (Duplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
12 Adapters
OS1/OS2
Green
Zirconia Ceramic
FAP12WAGDLCZ
Keyed LC Opticom® Fiber Adapter Panels (Duplex Adapters)
Fiber Type
Key and Color
Split Sleeve(s)
6 Adapters
8 Adapters
12 Adapters
All Fiber Types
(OM3/OM4,
OM2, OM1
and OS1/OS2)
A – Black
Zirconia Ceramic
FAP6WABLDLCZ
FAP8WABLDLCZ
FAP12WABLDLCZ
B – Red
FAP6WBRDDLCZ
FAP8WBRDDLCZ
FAP12WBRDDLCZ
C – Green
FAP6WCGRDLCZ
FAP8WCGRDLCZ
FAP12WCGRDLCZ
D – Yellow
FAP6WDYLDLCZ
FAP8WDYLDLCZ
FAP12WDYLDLCZ
E – Orange
FAP6WEORDLCZ
FAP8WEORDLCZ
FAP12WEORDLCZ
F – Dark Blue
FAP6WFDBDLCZ
FAP8WFDBDLCZ
FAP12WFDBDLCZ
G - Violet
FAP6WGVLDLCZ
FAP8WGVLDLCZ
FAP12WGVLDLCZ
H - Aqua
FAP6WHAQDLCZ
FAP8WHAQDLCZ
FAP12WHAQDLCZ
J - Rose
FAP6WJRODLCZ
FAP8WJRODLCZ
FAP12WJRODLCZ
K - Slate
FAP6WKIGDLCZ
FAP8WKIGDLCZ
FAP12WKIGDLCZ
L - Brown
FAP6WLLBDLCZ
FAP8WLLBDLCZ
FAP12WLLBDLCZ
P - White
FAP6WPWTDLCZ
FAP8WPWTDLCZ
FAP12WPWTDLCZ
Q - Charcoal
FAP6WQCGDLCZ
FAP8WQCGDLCZ
FAP12WQCGDLCZ
R - Lavender
FAP6WRLVDLCZ
FAP8WRLVDLCZ
FAP12WRLVDLCZ
S - Peach
FAP6WSPEDLCZ
FAP8WSPEDLCZ
FAP12WSPEDLCZ
T - Steel Blue
FAP6WTSBDLCZ
FAP8WTSBDLCZ
FAP12WTSBDLCZ
V - Maroon
FAP6WVMADLCZ
FAP8WVMADLCZ
FAP12WVMADLCZ
W - Mint
FAP6WWMIDLCZ
FAP8WWMIDLCZ
FAP12WWMIDLCZ
ordering information
Opticom® Fiber Adapter Panels (FAPs)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com