Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAP6WABLDLCZ Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # FAP6WABLDLCZ
Description  Opticom짰 Fiber Adapter Panels (FAPs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FAP6WABLDLCZ Datasheet(HTML) 3 Page - PANDUIT CORP.

  FAP6WABLDLCZ Datasheet HTML 1Page - PANDUIT CORP. FAP6WABLDLCZ Datasheet HTML 2Page - PANDUIT CORP. FAP6WABLDLCZ Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
FBSP112--WW-ENG
3/2016
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference FBSP112
Visit us at www.panduit.com
For more information
ordering information
Opticom® Fiber Adapter Panels (FAPs)
SC Opticom® Fiber Adapter Panels (Duplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
2 Adapters
3 Adapters
4 Adapters
6 Adapters
OM3/OM4
Aqua
Zirconia Ceramic
FAP2WAQDSCZ
FAP3WAQDSCZ
FAP4WAQDSCZ
FAP6WAQDSCZ
Phosphor Bronze
FAP2WAQDSC
FAP3WAQDSC
FAP4WAQDSC
FAP6WAQDSC
OM2
Black
Phosphor Bronze
FAP2WBLDSC
FAP3WBLDSC
FAP4WBLDSC
FAP6WBLDSC
OM1
Electric Ivory
Phosphor Bronze
FAP2WEIDSC
FAP3WEIDSC
FAP4WEIDSC
FAP6WEIDSC
OS1/OS2
Blue
Zirconia Ceramic
FAP2WBUDSCZ
FAP3WBUDSCZ
FAP4WBUDSCZ
FAP6WBUDSCZ
APC, OS1/OS2
APC Green
Zirconia Ceramic
FAP2WAGDSCZ
FAP3WAGDSCZ
FAP4WAGDSCZ
FAP6WAGDSCZ
SC Opticom® Fiber Adapter Panels (Simplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
6 Adapters
12 Adapters
OM3/OM4
Aqua
Phosphor Bronze
FAP6WAQSC
–
OM3/OM4
Aqua
Zirconia Ceramic
FAP6WAQSCZ
–
OS1/OS2
Blue
FAP6WBUSCZ
FAP12WBUSCZ
APC, OS1/OS2
APC Green
FAP6WAGSCZ
FAP12WAGSCZ
ST Opticom® Fiber Adapter Panels (Simplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
6 Adapters
12 Adapters
OM3/OM4, OS1/OS2
Plated
Zirconia Ceramic
FAP6WSTZ
FAP8WSTZ
OM1, OM2
Phosphor Bronze
FAP6WST
FAP8WST
FC Opticom® Fiber Adapter Panels (Simplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
6 Adapters
OM3/OM4, OS1/OS2
Plated
Zirconia Ceramic
FAP6WFCZ
OM1, OM2
Phosphor Bronze
FAP6WFC
MT-RJ Opticom® Fiber Adapter Panels (Duplex Adapters)
Fiber Type
Adapter Color
Split Sleeve(s)
6 Adapters
OM3/OM4, OM2, OM1
Electric Ivory
N/A
FMP6WMTRJ
Black
FMP6WMTRJBL
Multimedia Modular Panel
Blank Panel
FMP6
FAPB
Opticom® Rack Mount
Fiber Trays
Opticom® Rack Mount
Fiber Enclosures
Opticom® Fiber
Adapter Patch Panels
related products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com