Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C152JB Datasheet(PDF) 13 Page - Intel Corporation

Part # P83C152JB
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C152JB Datasheet(HTML) 13 Page - Intel Corporation

Back Button P83C152JB Datasheet HTML 9Page - Intel Corporation P83C152JB Datasheet HTML 10Page - Intel Corporation P83C152JB Datasheet HTML 11Page - Intel Corporation P83C152JB Datasheet HTML 12Page - Intel Corporation P83C152JB Datasheet HTML 13Page - Intel Corporation P83C152JB Datasheet HTML 14Page - Intel Corporation P83C152JB Datasheet HTML 15Page - Intel Corporation P83C152JB Datasheet HTML 16Page - Intel Corporation P83C152JB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
8XC152JAJBJCJD
LOCAL SERIAL CHANNEL TIMINGSHIFT REGISTER MODE
Symbol
Parameter
165 MHz
Variable Oscillator
Units
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle
727
12TCLCL
ns
Time
TQVXH
Output Data Setup to
473
10TCLCL-133
ns
Clock Rising Edge
TXHQX
Output Data Hold After
4
2TCLCL-117
ns
Clock Rising Edge
TXHDX
Input Data Hold After
0
0
ns
Clock Rising Edge
TXHDV
Clock Rising Edge to
473
10TCLCL-133
ns
Input Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
270431 – 12
AC TESTING
INPUT OUTPUT WAVEFORMS
270431 – 13
AC Inputs During Testing are Driven at VCCb05 for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing Measurements are made at VIH
Min for a Logic ‘‘1’’ and VIL Max for a Logic ‘‘0’’
FLOAT WAVEFORM
270431 – 14
For Timing Purposes a Port Pin is no Longer Floating when a
100 mV change from Load Voltage Occurs and Begins to Float
when a 100 mV change from the Loaded VOH VOL Level occurs
IOL IOH t g20 mA
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com