Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC30 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC30
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC30 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC30 Datasheet HTML 1Page - Silicon Supplies 54HC30 Datasheet HTML 2Page - Silicon Supplies 54HC30 Datasheet HTML 3Page - Silicon Supplies 54HC30 Datasheet HTML 4Page - Silicon Supplies 54HC30 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
High Speed CMOS Logic – 54HC30
 
 
DC Electrical Characteristics Continued (Voltages referenced to GND)
Rev 1.0
7/5/2019
LIMITS
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
2V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
5.9
5.9
5.9
V
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.70
Minimum High-Level
Output Voltage
VOH
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.20
V
2V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
V
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or
GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC or
GND,
IOUT = 0µA
2
20
40
µA
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2V
175
220
265
4.5V
35
44
53
Maximum Propagation
Delay, Any Input to
Output Y
tPLH, tPHL
CL = 50pF,
tr = tf = 6ns
6.0V
30
37
45
ns
2V
75
95
110
4.5V
15
19
22
Maximum Output Rise
and Fall Time, Any
Output
CL = 50pF,
tTLH, tTHL
tr = tf = 6ns
6.0V
13
16
19
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance Per Gate
6
CPD
-
TJ = 25°C,
VCC =5.0V
27
pF
 
5. Not production tested in die form, characterized by chip design and tested in package.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 4 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com