Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC30 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC30
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC30 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC30 Datasheet HTML 1Page - Silicon Supplies 74HC30 Datasheet HTML 2Page - Silicon Supplies 74HC30 Datasheet HTML 3Page - Silicon Supplies 74HC30 Datasheet HTML 4Page - Silicon Supplies 74HC30 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
High Speed CMOS Logic – 74HC30
Rev 1.0
7/5/2019
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
Function Table
0,0
1030µm (40.55 mils)
COORDINATES (mm)
PAD
FUNCTION
X
Y
10 
9
1
A
0.1155
0.7200
11
2
B
0.1155
0.4015
3
C
0.1355
0.1465
8
7
4
D
0.3080
0.1160
1
5
E
0.6220
0.1160
6
F
0.8130
0.1465
7
GND
0.8130
0.4810
DIE ID
8
Y
0.8130
0.8000
2
9
G
0.6220
1.0465
10
H
0.3080
1.0465
11
VCC
0.1155
0.9670
3
6
5
4
CONNECT CHIP BACK TO VCC OR FLOAT
 
INPUTS
OUTPUT
A
B
C
D
E
F
G
H
Y
X
X
L
X
X
X
X
X
H
X
L
X
X
X
X
X
X
H
X
X
L
X
X
X
X
X
H
X
X
X
L
X
X
X
X
H
X
X
X
X
L
X
X
X
H
X
X
X
X
X
L
X
X
H
X
X
X
X
X
X
L
X
H
X
X
X
X
X
X
X
L
H
H
H
H
H
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
X = don’t care
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com