Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMEX2001 Datasheet(PDF) 2 Page - TT Electronics.

Part # FMEX2001
Description  Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FMEX2001 Datasheet(HTML) 2 Page - TT Electronics.

  FMEX2001 Datasheet HTML 1Page - TT Electronics. FMEX2001 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Stainless Steel Pressure
Gauge
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
SKU
Description
FMEX2000
50mm Diameter, covering -1 to 0 bar
FMEX2001
50mm Diameter, covering 0 to 1 bar
FMEX2002
50mm Diameter, covering 0 to 2.5 bar
FMEX2004
50mm Diameter, covering 0 to 4 bar
FMEX2006
50mm Diameter, covering 0 to 6 bar
FMEX2010
50mm Diameter, covering 0 to 10 bar
FMEX2016
50mm Diameter, covering 0 to 16 bar
FMEX2025
50mm Diameter, covering 0 to 25 bar
FMEX2040
50mm Diameter, covering 0 to 40 bar
FMEX2060
50mm Diameter, covering 0 to 60 bar
FMEX2100
50mm Diameter, covering 0 to 100 bar
FMEX3000
63mm Diameter, covering -1 to 0 bar
FMEX3001
63mm Diameter, covering 0 to 1 bar
FMEX3002
63mm Diameter, covering 0 to 2.5 bar
FMEX3004
63mm Diameter, covering 0 to 4 bar
FMEX3006
63mm Diameter, covering 0 to 6 bar
FMEX3010
63mm Diameter, covering 0 to 10 bar
FMEX3016
63mm Diameter, covering 0 to 16 bar
FMEX3025
63mm Diameter, covering 0 to 25 bar
FMEX3040
63mm Diameter, covering 0 to 40 bar
FMEX3060
63mm Diameter, covering 0 to 60 bar
FMEX3100
63mm Diameter, covering 0 to 100 bar
FMEX5000
100mm Diameter, covering -1 to 0 bar
FMEX5001
100mm Diameter, covering 0 to 1 bar
FMEX5002
100mm Diameter, covering 0 to 2.5 bar
FMEX5004
100mm Diameter, covering 0 to 4 bar
FMEX5006
100mm Diameter, covering 0 to 6 bar
FMEX5010
100mm Diameter, covering 0 to 10 bar
FMEX5016
100mm Diameter, covering 0 to 16 bar
SKU
Description
FMEX5025
100mm Diameter, covering 0 to 25 bar
FMEX5040
100mm Diameter, covering 0 to 40 bar
FMEX5060
100mm Diameter, covering 0 to 60 bar
FMEX5100
100mm Diameter, covering 0 to 100 bar
FMIX7000
150mm Diameter, covering -1 to 0 bar
FMIX7001
150mm Diameter, covering 0 to 1 bar
FMIX7002
150mm Diameter, covering 0 to 2.5 bar
FMIX7004
150mm Diameter, covering 0 to 4 bar
FMIX7006
150mm Diameter, covering 0 to 6 bar
FMIX7010
150mm Diameter, covering 0 to 10 bar
FMIX7016
150mm Diameter, covering 0 to 16 bar
FMIX7025
150mm Diameter, covering 0 to 25 bar
FMIX7040
150mm Diameter, covering 0 to 40 bar
FMIX7060
150mm Diameter, covering 0 to 60 bar
FMIX7100
150mm Diameter, covering 0 to 100 bar



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com