Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLS12P Datasheet(PDF) 1 Page - TT Electronics.

Part # FSLS12P
Description  Horizontal Stainless Steel Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FSLS12P Datasheet(HTML) 1 Page - TT Electronics.

  FSLS12P Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Horizontal Stainless Steel
Switch
FSLS12P
© TT electronics plc
Issue A
06/2017 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
For liquid level control using a side mounted Stainless Steel float switch. A magnet in the float activates a reed switch.
Horizontal cylindrical float, 1/2” BSPT, DIN IP65 plug
Features:
5 day lead time
All Stainless Steel
High temperature up to 120°C
Compact design
Optional DIN plug for SLS version
N/O or N/C


Similar Part No. - FSLS12P

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
High reliability - High voltage ??Long life
logo
Gamewell-FCI by Honeywe...
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
123Kb / 1P
Fiber Loop Modules
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
52Kb / 1P
Network Repeater
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
FSL-ZB-SNF ETC2-FSL-ZB-SNF Datasheet
21Kb / 2P
FSL-ZB-SNF Information
More results

Similar Description - FSLS12P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
horizontal stainless steel compact internal fitting
SSF212X100-14G CYNERGY3-SSF212X100-14G Datasheet
329Kb / 1P
Compact Horizontal Stainless Steel Floatswitch NPT External Fitting
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
logo
TT Electronics.
FSRS22 TTELEC-FSRS22 Datasheet
328Kb / 1P
Right Angle Stainless Steel Switch
FSVS22 TTELEC-FSVS22 Datasheet
324Kb / 1P
Vertical Stainless Steel Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com