Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPRT Datasheet(PDF) 1 Page - TT Electronics.

Part # WPRT
Description  Wirewound Power Radial Terminal Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WPRT Datasheet(HTML) 1 Page - TT Electronics.

  WPRT Datasheet HTML 1Page - TT Electronics. WPRT Datasheet HTML 2Page - TT Electronics. WPRT Datasheet HTML 3Page - TT Electronics. WPRT Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type
L
±1.5
W
±1.0
D
P
±1.0
ØJ
±0.2
C
±0.4
ØB
±0.2
K
±1.0
F
±0.5
G
±0.5
E
±0.5
M1
±0.1
M2
±0.1
H
±1.0
N
±0.2
S
±0.3
R
±0.3
Weight (nom.)
S
SB
SR
WPRT10
48
10
9.0±1.0
32
4.1 5.5 2.5
3.0
8.7
5.0
12
4.2 4.2
18
23
60
72
11 16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1 6.2 2.5
3.0
8.0
6.0
12
4.2 4.2
21
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1 6.2 2.5
3.0
10.0
6.0
12
4.2 4.2
21
23
74
86.5 27
34
37.5
WPRT30
75
19
19±1.0
54
4.1 7.6 3.2
4.0
9.5
7.5
18
4.2 4.2
32
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
4.1 7.6 3.2
4.0
9.5
7.5
18
5.2 4.5
32
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
4.1 7.6 3.2
4.0
9.5
7.5
18
5.2 4.5
32
39
104
122
81
94
105.5
Wirewound Power
Radial Terminal Resistor
WPRT Series
10to50watts
Quickconnectorsolderedtagterminals
Optionalmountingbracket
Highoverloadcapability
AEC-Q200qualified
Flameproofcase
RoHScompliant
WPRT10
WPRT15
WPRT20
WPRT30
WPRT40
WPRT50
Powerratingat25°C
watts
10
15
20
30
40
50
Powerratingat70°C
watts
10
12.3
16.4
24.6
32.8
41
5soverloadratingat25°C
watts
50
75
100
150
200
250
Resistancerange
ohms
1R0 - 820R
1R0 – 1K0
2R0 – 1K2
3R0 – 1K5
6R0 – 1K5
6R0 – 1K5
Thermalimpedance
°C/watt
18
14
12
8.5
7
7
Isolationvoltage
volts
1000
TCR
ppm/°C
<20R:±400,≥20R:±350
ResistanceTolerance
%
±5
StandardValues
E24
Ambienttemperaturerange
°C
-55 to +155
ElectricalData
PhysicalData
Note:NoLEVapplies.Maximumvoltage(dcorrms)is√(PxR)
Figure1-solderedtag(S)andthesamewithbracket(SB)
Figure2-solderedtagwithruggedbracket(SR)
AlldimensionsinmmandweightsingMaximumbowonlengthandwidth<1.00mm
Resistors
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
AllpartsarePb-freeandcomplywithEUDirective2011/65/EUamendedby(EU)2015/863(RoHS3)
AllpartsarePb-freeandcomplywithEUDirective2011/65/EUamendedby(EU)2015/863(RoHS3)


Similar Part No. - WPRT

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
WPR IDEM-SAFETY-WPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
NXP Semiconductors
WPR1516 NXP-WPR1516 Datasheet
907Kb / 38P
MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
Rev 2, 1/2015
logo
Willow Technologies Ltd
WPR2-TO5 WILLOW-WPR2-TO5 Datasheet
324Kb / 1P
Special Resistors
logo
Riedon Powertron
WPR2-TO5 RIEDON-WPR2-TO5 Datasheet
258Kb / 1P
Special Resistors
logo
Willow Technologies Ltd
WPR2-TO5330OHMS WILLOW-WPR2-TO5330OHMS Datasheet
324Kb / 1P
Special Resistors
More results

Similar Description - WPRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
4LPW IRCTT-4LPW Datasheet
343Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
AL-1010RDJLF IRCTT-AL-1010RDJLF Datasheet
252Kb / 2P
Chassis Mounted Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
logo
Welwyn Components Limit...
4LPW-3 WELWYN-4LPW-3 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Vishay Siliconix
MR700 VISHAY-MR700 Datasheet
75Kb / 3P
Wirewound Resistor, Ultra Precision,Epoxy Molded, Radial Lead
17-Aug-12
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
TT Electronics.
4LPW TTELEC-4LPW_17 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Vishay Siliconix
MR600 VISHAY-MR600 Datasheet
83Kb / 3P
Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
24-May-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com