Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPRT30 Datasheet(PDF) 4 Page - TT Electronics.

Part # WPRT30
Description  Wirewound Power Radial Terminal Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WPRT30 Datasheet(HTML) 4 Page - TT Electronics.

  WPRT30 Datasheet HTML 1Page - TT Electronics. WPRT30 Datasheet HTML 2Page - TT Electronics. WPRT30 Datasheet HTML 3Page - TT Electronics. WPRT30 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
W P R T 5 0 A B – 1 K 2 J B 1 6 8
OrderingProcedure
Example:WPRT50at1.2kilohms5%tolerancewithquickconnect“amp”tagterminalsandbracket,bulkpackedinaboxof168pieces–
Thepulseenergycapacitylimitsinthegraphbelowrelatetopulsesbelow100msdurationbasedonaninstantaneouswiretemperature
riseof750ºC.
Type
PowerRating
Configuration
Value(useIEC62code)
Tolerance(useIEC62code)
Packing
S
Solderedtagwithoutbracket
Figure 1
SB
Solderedtagwithbracket
SR
Solderedtagwithruggedbracket
Figure 2
A
Quickconnect“amp”tagwithoutbracket
Figure 3
AB
Quickconnect“amp”tagwithbracket
AR
Quickconnect“amp”tagwithruggedbracket
Figure 4
AT
ConfigurationAwithtightertoleranceterminalalignment
Figure 5
AD
ConfigurationABwithtightertoleranceterminalalignment
B440
Bulk
WPRT10
S/SB/A/AB/AT/AD
440/box
Standard
B330
SR/AR
330/box
B400
WPRT15
S/SB/A/AB/AT/AD
400/box
B300
SR/AR
300/box
B270
WPRT20
S/SB/A/AB/AT/AD
270/box
B270
SR/AR
270/box
B240
WPRT30/40/50
S/A/AT
240/box
B168
SB/AB/AD
168/box
B160
SR/AR
160/box
J
5%
PulsePerformance
ApplicationNotes
S,SRandSBconfigurationshaveterminalswhichcanbesoldered.However,forfullpoweroperation,duetothepossibilityofhighterminal
temperatures,itisrecommendedthattheconnectionsbesecuredmechanically,ratherthanrelyingonthesolderjointalone.
ATandADconfigurationsaredesignedforuseinmoldedhousingassemblies,wherethealignmentofterminalsandthebodydimensions
mustbedefinedtoagreatertolerance.
SRandARconfigurationshaveabracketwithtwofixingpointsratherthanone,andareidealforhighshock&vibrationapplications.
10W
15W
20W
40&50W
30W
WPRTSeriesEnergyCapabilityGraph
Resistancevalue(ohms)
Wirewound Power
Radial Terminal Resistor
WPRT Series
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com