Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY2000 Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # BY2000
Description  5.0 AMP HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

BY2000 Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  BY2000 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. BY2000 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range Tj, TSTG
BY2000
UNITS
1400
5
.0
225
5.0
50
40
-65
+150
V
A
A
V
m
m
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.04 grams
BY2000
2.2
Typical Thermal Resistance RqJA (Note 2)
30
C/W
*
VOLTAGE RANGE
2000 Volts
CURRENT
5
.0 Ampere
DO-27
Dimensions in inches and (millimeters)
0.95
(24.0)
MIN.
0.95
(24.0)
MIN.
.375(9.5)
.285(7.2)
.051(1.3)
.043(1.1)
DIA.
.216(5.5)
.188(4.8)
DIA.
o
µA
µA
Lead Free Finish/RoHS Compliant
*
Version 1.0
2018/12/21
http://www.bytesonic.com.tw/
5.0 AMP HIGH VOLTAGE RECTIFIERS
V
V
2000
2000


Similar Part No. - BY2000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
188Kb / 2P
Silicon Rectifiers
logo
Semikron International
BY2000 SEMIKRON-BY2000 Datasheet
134Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY2000 DIOTEC-BY2000 Datasheet
99Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
BY2000 DIOTEC-BY2000 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
More results

Similar Description - BY2000

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER501 FORMOSA-HER501 Datasheet
34Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER501 TSC-HER501 Datasheet
259Kb / 2P
5.0 AMP. High Efficiency Rectifiers
logo
Nanjing International G...
HER504-2C5A-2CDO-27 DGNJDZ-HER504-2C5A-2CDO-27 Datasheet
253Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER507-2C5A-2CDO-27 DGNJDZ-HER507-2C5A-2CDO-27 Datasheet
253Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5A-2C5A-2CDO-214AB DGNJDZ-US5A-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5B-2C5A-2CDO-214AB DGNJDZ-US5B-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5J-2C5A-2CDO-214AB DGNJDZ-US5J-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5K-2C5A-2CDO-214AB DGNJDZ-US5K-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5M-2C5A-2CDO-214AB DGNJDZ-US5M-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER501-2C5A-2CDO-27 DGNJDZ-HER501-2C5A-2CDO-27 Datasheet
220Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com