Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3M0171 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3M0171
Description  Temperature Conditioned TNC Male Right Angle to N Male Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0171 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3M0171 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0171 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Connector Characteristics
Description
Connector 1
Connector 2
Type
TNC Male Right Angle
N Male
Specification
MIL-STD-348
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold over Nickel
Beryllium Copper, Gold over Nickel
Contact Plating Specification
50 µin minimum
50 µin minimum
Dielectric Type
PTFE
PTFE
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Hex Size
9/16 inch
3/4 inch
Seal Gasket Material
Silicone Rubber
Silicone Rubber
Contact Gage Specification
0.210 to 0.230 in
0.210 in min
Insulator Gage Specification
0.208 to 0.228 in
.
Mechanical Specification Notes:
Environmental Specifications
Description
Specification
Temperature Operating Range
-55 to +125 deg C
.
Compliance Certifications (see product page for current document)
Process Specifications
Process
Specification
Cable Preconditioning
5 cycles, -55 °C to +125°C, 20 minute dwells
Soldering
in accordance with J-STD-001, class 3
Marking
shall meet the adherence requirements of SAEAS5942
Workmanship
shall be in accordance with IPC/WHMA-A-620, class 3
.
PE3M0171 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned TNC Male Right Angle to N Male Low Loss Cable Using PE-P142LL
Coax PE3M0171
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned TNC Male Right Angle to N
Male Low Loss Cable Using PE-P142LL Coax
PE3M0171



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com