Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3M0193 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3M0193
Description  Temperature Conditioned SMA Female Bulkhead to TNC Male Right Angle Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0193 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3M0193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0193 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Connector Characteristics
Description
Connector 1
Connector 2
Type
SMA Female Bulkhead
TNC Male Right Angle
Specification
MIL-STD-348
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold over Nickel
Beryllium Copper, Gold over Nickel
Contact Plating Specification
50 µin minimum
50 µin minimum
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
9/16 inch
Seal Gasket Material
Silicone Rubber
Contact Gage Specification
0.000 to 0.010 in
0.210 to 0.230 in
Insulator Gage Specification
0.000 in min
0.208 to 0.228 in
.
Mechanical Specification Notes:
Environmental Specifications
Description
Specification
Temperature Operating Range
-55 to +125 deg C
.
Compliance Certifications (see product page for current document)
Process Specifications
Process
Specification
Cable Preconditioning
5 cycles, -55 °C to +125°C, 20 minute dwells
Soldering
in accordance with J-STD-001, class 3
Marking
shall meet the adherence requirements of SAEAS5942
Workmanship
shall be in accordance with IPC/WHMA-A-620, class 3
.
PE3M0193 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Female Bulkhead to TNC Male Right Angle Low Loss Cable
Using PE-P160LL Coax PE3M0193
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned SMA Female Bulkhead to TNC
Male Right Angle Low Loss Cable Using PE-P160LL Coax
PE3M0193



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com