Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH1817DM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CH1817DM
Description  Family of Low Profile DAA Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1817DM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CH1817DM Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CH1817
Family of Low Profile DAA Modules
INTRODUCTION
FEATURES
The CH1817 is a Family of Low Profile Data Access
Arrangement (DAA) Modules. They are compatible
with all modem chip sets. These devices have been
tested to meet or exceed FCC Part 68 requirements
and are Canadian DOC approvable. They are also
recognized by Underwriters Laboratories to UL 1459
Specifications.
• Low Profile, Ultra small size: 1.0” x 1.0” x 0.35”
• Complete DAA function
• Ring detection
• Built-in 2-wire to 4-wire conversion
• Lightweight
• Multimedia compatible
• +5V operation
The CH1817 modules are ultra small (1.0” x 1.0”
x0.35”) affording an easy integration into space-
sensitive designs, including laptop and hand-held
computer based products.
The CH1817 family of
products may be socketed or mounted directly onto a
Printed Circuit Board (PCB).
The telephone line
connection is made through TIP and RING to an RJ-11
jack or equivalent.
• 1000 VAC isolation
• 800 Volt surge protection
• V.32bis/14,400bps, applications
• UL1459 recognized
• CH1817-L: Low power consumption and Common
mode noise rejection filter
• CH1817-LM (special order):
Reduced transmit
attenuation
The CH1817 is intended for use with FAX/modem chip
sets that have a data throughput of up through
V.32bis.
For High Speed Applications, Cermetek
recommends the CH1837A.
• CH1817-D: Differential transmission input and 0dB
transmission insertion loss.
FUNCTIONAL DESCRIPTION
Ring Detection. Referring to the block diagram in
Figure 1, incoming ring detection is performed by the
CH1817 and the RI pin is set Low during the 2 second
(typical) ring period and is restored to High for the 4
seconds (typical) between rings. During incoming ring
signal activity, the RI output is pulsed at the same
frequency as the ringing signal, typically 20Hz. Figure
2 contains additional external circuitry which may be
used to provide an envelope indication of the ring
signal. The internal ring detection circuit is designed
to deter false indications due to pulse dialing or noise
on the line.
The RI output of the CH1817 is diode protected.
Therefore, an external pull-up resistor (R>100Kohm)
to +5V may be utilized to activate the ring detection
circuit when the CH1817 is not connected to power.
This can be handy in designs where power
consumption is of concern.
When circuited in this
manner, there is virtually no current draw until a ring
signal is present.
RI
Output: Active low
Opto coupler, 30K
Ω pull-up
Square wave: 15-68Hz (Typ. 20Hz)
OFFHK
XMIT
RCV
RI
RING
TIP
GND
VCC
RING DET.
OFF-HOOK
SWITCH
SURGE
AND
PROTECTION
CIRCUITRY
HYBRID
2W/4W
CONVERTER
ISOLATION
Figure 1. CH1817 DAA Functional Block Diagram.
Sensitivity: 38Vrms across Tip & Ring
2002 Cermetek Microelectronics, Inc.
Page 1
Document No. 607-0007 Revision B (01/02)


Similar Part No. - CH1817DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1837A ETC1-CH1837A Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1837F ETC1-CH1837F Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1838A ETC1-CH1838A Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
logo
Winsonic Electronics
CH1853-WX25L0 WINSONIC-CH1853-WX25L0 Datasheet
114Kb / 1P
Chassis VRknob at front bezel, 18.5" LCD monitor, 1366 x 768, LED 250 nits, VGA input
More results

Similar Description - CH1817DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
XE0092 ETC1-XE0092 Datasheet
116Kb / 11P
Surface-Mount DAA Modules for Audio or Data Transfer
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
LMH2 LED Modules Family
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
Cybergate DAA
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
Cybergate DAA
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
The USB-COM-Plus modules are a family of communication devices
logo
HALO Electronics, Inc.
TGM-010P3RL HALO-TGM-010P3RL Datasheet
560Kb / 3P
Low Profile SMD Isolation Modules
logo
ELATEC GmbH
HOP2-CBLEL ELATEC-HOP2-CBLEL Datasheet
269Kb / 3P
Panel housing for RFID modules of the TWN4 MultiTech 2 family
11/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com