Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4112BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD4112BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4112BCPZ Datasheet HTML 50Page - Analog Devices AD4112BCPZ Datasheet HTML 51Page - Analog Devices AD4112BCPZ Datasheet HTML 52Page - Analog Devices AD4112BCPZ Datasheet HTML 53Page - Analog Devices AD4112BCPZ Datasheet HTML 54Page - Analog Devices AD4112BCPZ Datasheet HTML 55Page - Analog Devices AD4112BCPZ Datasheet HTML 56Page - Analog Devices AD4112BCPZ Datasheet HTML 57Page - Analog Devices AD4112BCPZ Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
AD4112
Data Sheet
Rev. A | Page 58 of 58
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
1.00
0.95
0.85
0.45
0.40
0.35
0.20 MIN
4.70
4.60 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-5
40
1
11
10
20
21
30
31
SIDE VIEW
EXPOSED
PAD
SEATING
PLANE
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
Figure 59. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.95 mm Package Height
(CP-40-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD4112BCPZ
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
AD4112BCPZ-RL7
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
EVAL-AD4112SDZ
Evaluation Board
EVAL-SDP-CB1Z
Evaluation Controller Board
1 Z = RoHS Compliant Part.
©2018–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16465-0-2/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com