Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5610 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF5610
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 38Page - Analog Devices ADF5610 Datasheet HTML 39Page - Analog Devices ADF5610 Datasheet HTML 40Page - Analog Devices ADF5610 Datasheet HTML 41Page - Analog Devices ADF5610 Datasheet HTML 42Page - Analog Devices ADF5610 Datasheet HTML 43Page - Analog Devices ADF5610 Datasheet HTML 44Page - Analog Devices ADF5610 Datasheet HTML 45Page - Analog Devices ADF5610 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
ADF5610
Data Sheet
Rev. 0 | Page 42 of 51
Bit
Type
Name
Default
Description
6
Read/Write
LKD_ONESHOT_SEL
1
Lock detection window timer selection.
1: digital programmable timer.
0: analog one shot, nominal 10 ns window.
9:7
Read/Write
LKD_ONESHOT_DURATION
2
Lock detection, digital window duration.
0: half cycle.
1: one cycle.
2: two cycles.
3: four cycles.
4: eight cycles.
5: 16 cycles.
6: 32 cycles.
7: 64 cycles.
11:10
Read/Write
LKD_CONFIG
0
Lock detect digital timer frequency control (see the Lock Detect
section for more information).
00: fastest.
11: slowest.
12
Read/Write
Reserved
0
Reserved.
13
Read/Write
LKD_AUTOCAL_WHEN_UNLOCKED
0
1: autorelock attempts to relock one time, if lock detect fails for any
reason.
ANALOG ENABLE (EN) REGISTER
Table 25. Register 0x08, Analog EN Register (Default 0xC1BEFF)
Bit
Type
Name
Default
Description
0
Read/Write
BIAS_EN
1
Enables main chip bias reference.
1
Read/Write
CP_EN
1
Charge pump enable.
2
Read/Write
PD_EN
1
PD enable.
3
Read/Write
REFBUF_EN
1
Reference path buffer enable.
4
Read/Write
VCOBUF_EN
1
VCO path RF buffer enable.
5
Read/Write
GPO_PAD_EN
1
0: disables the SDO pin.
1: enables the GPO port or allows a shared SPI.
When Bit 5 = 1 and Register 0xF, Bit 7 = 1, the SDO pin is always driven, which is
required for use of the GPO port.
When Bit 5 = 1 and Register 0xF, Bit 7 = 0, SDO is off when an unmatched chip
address is seen on the SPI. Allows shared SPI with other compatible devices.
9:6
Read/Write
Reserved
11 decimal
(0x0B)
Reserved.
10
Read/Write
VCO_SIDE_BIAS
1
VCO buffer and prescaler bias enable.
18:11
Read/Write
Reserved
55 decimal
(0x37)
Reserved. Program to 55 decimal (0x37).
19
Read/Write
DIV_SEL
0
8 GHz divide by 2 enable. Allows PLL operation up to 8 GHz.
When input to PLL is less than 4000 MHz, set to 0 decimal to bypass internal
divider.
When input to PLL is greater than or equal to 4.0 GHz, set to 1 decimal to enable
internal fixed divide by 2.
20
Read/Write
Reserved
0
Reserved. Program 0.
21
Read/Write
HI_FREQ_RF_SEL
0
High frequency reference select. Program to 1 for reference frequencies from
200 MHz to 350 MHz. Program to 0 for reference frequencies less than 200 MHz.
23:22
Read/Write
Reserved
3 decimal
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com