Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1135 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1135
Description  Low power consumption, low drop voltage, medium voltage regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1135 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1135 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1135 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1135 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1135 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1135 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ 电学特性参数
项目
符号
条件
最小值
典型值
最大值
单位
输出电压*1
VOUT(E)
VIN =VOUT(S)+1.0 V, IOUT=30 mA
VOUT(S)
×0.98
VOUT(S)
VOUT(S)
×1.02
V
输出电流*2
IOUT
VIN≥VOUT(S)+1.0 V
500
—
—
mA
输入输出压差*3
Vdrop
IOUT=50 mA
—
0.05
0.10
V
IOUT=100 mA
—
0.1
0.15
输入稳定度
OUT
IN
OUT
V
V
V
1
VOUT(S)+0.5 V ≤VIN≤7 V
IOUT=30 mA
—
0.10
0.20
%/V
负载稳定度
2
OUT
V
VIN=VOUT(S)+1.0 V
1.0 mA ≤IOUT ≤100 mA
—
10
20
mV
输出电压
温度系数*4
OUT
OUT
V
Ta
V
VIN=VOUT(S)+1.0 V, IOUT=10 mA
-40°C ≤Ta ≤85°C
—
±
100
—
ppm/℃
工作消耗电流
ISS1
VIN=VOUT(S)+1.0 V
—
40
μA
输入电压
VIN
——
2.0
—
7
V
纹波抑制率
|PSRR|
VIN=VOUT(S)+1.0 V,f=1 kHz
Vrip=0.5 Vrms, IOUT=50 mA
—
70
—
dB
VIN=VOUT(S)+1.0 V,f=10 kHz
Vrip=0.5 Vrms, IOUT=50 mA
-
60
-
dB
CE 最小高电平
VCEH
1.6
V
CE 最小低电平
VCEL
0.5
V
CE 为高电流
(无内置电阻版本)
ICEH
VIN=VCE=VOUT(T)+1V
-0.1
0.1
μA
CE 为低电流
(无内置电阻版本)
ICEL
VIN= VOUT(T)+1V ,VCE=VSS
-0.1
0.1
μA
浪涌电流
Irush
VIN= VOUT(T)+1V,CL=47uF,
VCE=0→VOUT(T)+1V
800
mA
*1. VOUT(S): 设定输出电压值
VOUT(E): 实际输出电压值
*2. 缓慢增加输出电流,当输出电压为小于VOUT(E) 的95%时的输出电流值
*3. Vdrop = VIN1-(VOUT3×0.98)
VOUT3: VIN = VOUT(S)+1.0 V, IOUT = 100 mA 时的输出电压值
VIN1: 缓慢下降输入电压,当输出电压降为VOUT3 的98%时的输入电压
*4. 输出电压的温度变化[mV/℃]按照如下公式算出:
a
OUT
T
V
[mV/℃]*①=VOUT(S)(V)*②
OUT
a
OUT
V
T
V
[ppm/℃]*③÷1000
*①. 输出电压的温度变化 *②. 设定输出电压值 *③. 上述输出电压的温度系数
HM1135



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com