Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1232 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1232
Description  HM1232 POWER SUPPLY CONTROL CHIP WITH BUILT-IN WATCHDOG TIMER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1232 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1232 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Table 3 (cont)
Symbol
Parameter
Test conditions
Typical
Units
min
max
VCCTP1
VCC trip point
TOL = GND
4.5
4.74
V
VCCTP2
VCC trip point
TOL = VCC
4.25
4.49
V
Table 4 – AC electrical characteristics (
amb = from - 10 to + 70 ° )
Symbol
Parameter
Test conditions
Typical
Units
min
max
tTD1
Watchdog timer overflow
time
VCC=5.0 V±10%
tST≥20 ns
TD = GND
62.5
250
ms
tTD2
TD disconnected
250
1000
ms
tTD3
TD = VCC
500
2000
ms
tPDLY
PBRST stable low to RST
and RST
VCC=5.0 V±10%
tPB≥20 ms
-
20
ms
tRST
Reset active time
VCC=5.0 V±10%
tPB≥20 ms
250
1000
ms
tRPD
Vcc fail detect to RST and
RST
VCC=from 5.0 to
4.0 V
tF≥10 µs
-
175
µs
tRPU
Vcc detect to RST and RST
transition
VCC= from 5.0 to
4.0 V
tR≥1 µs
250
1000
ms
HM1232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com