Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1595 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1595
Description  2A竊?0V Synchronous Rectified Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1595 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1595 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1595 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1595 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1595 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REV: 0.4
4 / 4
Bottom Switch Resistance
RDS(ON)B
200
mΩ
Top Switch Leakage Current
ILEAK_TOP
VIN=24V,VSW=0V
1
uA
Bottom Switch Leakage Current
ILEAK_BOT
VIN= VSW = 24V
1
uA
Top Switch Current Limit
ILIM_TOP
Minimum Duty Cycle
2
A
Bottom Switch Current Limit
ILIM_BOT
Minimum Duty Cycle
2
A
Switch Frequency
FSW
400
kHz
Minimum On Time
TON_MIN
200
ns
Minimum Off Time
TOFF_MIN
VFB=0V
200
ns
Maximum Duty Cycle
DMAX
100
%
Internal soft-start time
TSS
400
us
Thermal Shutdown Temperature
TTSD
150
°C
Thermal Shutdown Hysteresis
TTSDHYS
40
°C
PACKAGE OUTLINE
ESOP8
UNIT: mm
HM1595



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com