Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2010 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2010 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ELECTRICAL CHARACTERISTICS
Note: The following electrical characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific
performance limits. But note that specifications are not guaranteed for parameters where no limit is given. The typical value however, is a good
indication of device performance. All voltages in the following tables are specified at 25°C which is generally taken as parametric norm.
TA=25°C, VDD = 3.6V, RL=8Ω, Gain = 2V/V, RI=150kΩ, CI=0.1µF, unless otherwise noted.
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply Voltage
2.7
5.5
V
VUVLU
Power Up Threshold Voltage
VDD from Low to High
2.2
V
VUVLD
Power Down Threshold Voltage
VDD from High to Low
2.0
V
IDD
Quiescent Current
VDD=5V, VIN=0V, No Load
2.2
5
mA
VDD=3.6V, VIN=0V, No Load
2.0
4
mA
ISD
Shutdown Current
SHDN =0V
0.1
µA
VSDIH
SHDN Input High
1.3
V
VSDIL
SHDN Input Low
0.4
V
PO
Output Power, Load=8Ω,
VDD=5V
THD+N=10%; f=1kHz
1.8
W
THD+N=1%; f=1kHz
1.4
PO
Output Power, Load=4Ω,
VDD=5V
THD+N=10%; f=1kHz
3.0
W
THD+N=1%; f=1kHz
2.4
AV
Gain
300kΩ / Ri
V/V
RO
Output Resistance in Shutdown
Mode
SHDN =0V
2
kΩ
RSHDN
SHDN Input Resistance
300
kΩ
VREF
VREF Voltage
VDD/2
V
THD+N
Total Harmonic Distortion + Noise,
Load=8Ω
VDD=3.6V, PO=0.5W,
f=1kHz
0.05
%
VDD=5V, PO=1W,
f=1kHz
0.08
THD+N
Total Harmonic Distortion + Noise,
Load=4Ω
VDD=3.6V, PO=1W,
f=1kHz
0.06
VDD=5V, PO=2W,
f=1kHz
0.09
VN
Output Voltage Noise
fNOISE=20Hz ~ 20kHz with
Inputs AC-Grounded
45
µVRMS
VOS
Output Offset Voltage
Inputs AC-Grounded
10
mV
η
Efficiency
VDD=5V,PO=1W,
RL=8Ω+33µH,f=1kHz
90
%
PSRR
Power Supply Rejection Ratio
f=217Hz
75
dB
CMRR
Common Mode Rejection Ratio
f=1kHz
70
dB
TSTUP
Startup Time
35
ms
fPWM
PWM Switching Frequency
800
kHz
fJITTER
PWM Frequency Jittering Range
±24
kHz
ILIMIT
Over-Current Protection Threshold
VDD=3.6V
1.6
A
TOTP
Over-Temperature Threshold
160
C
THYS
Over-Temperature Hysteresis
30
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com