Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2010D Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010D
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010D Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010D Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PHYSICAL DIMENSIONS
Unit: millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com