Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2318A Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2318A
Description  N-Channel 40V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2318A Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2318A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2318A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2318A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2318A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2318A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N-Channel 40V(D-S) MOSFET
HM2318A
02
Mar, 2013-Ver1.0
Symbol
Parameter
Limit
Min
Typ
Max
Unit
STATIC
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
40
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
2.5
V
IGSS
Gate Body Leakage
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=40V, VGS=0V
1
μ
A
VGS=10V, ID=
5.0A
28
RDS(ON)
Drain-Source On-Resistance
VGS=4.5V, ID= 3.5A
38
mΩ
VSD
Diode Forward Voltage
IS=1A
0.8
1.2
V
DYNAMIC
Qg
Total Gate Charge
VDS=20V, VGS=10V, ID=
5A
16
Qg
Total Gate Charge
8.2
Qgs
Gate-Source Charge
3.6
Qgd
Gate-Drain Charge
VDS=20V, VGS=4.5V, ID=
5A
3.9
nC
Ciss
Input capacitance
560
Coss
Output Capacitance
70
Crss
Reverse Transfer Capacitance
VDS=20V, VGS=0V, f=1MHz
22
pF
Rg
Gate Resistance
f =1MHz
0.7
Ω
td(on)
Turn-On Delay Time
12
tr
Turn-On Rise Time
12
td(off)
Turn-Off Delay Time
37
tf
Turn-Off Fall Time
VDD=20V, RL =20Ω
ID=1A, VGEN=10V
RG=1Ω
4
ns
Notes: a. Based on epoxy or solder paste and bond wire Cu 2mil×3(S), Au 1mil ×1(G) on each die of SOT-23 package.
b. Pulse test; pulse width ≦ 300us, duty cycle≦ 2%.
c.
H&M SEMI reserves the right to improve product design, functions and reliability without notice.
Electrical Characteristics
(Tj =25℃ Unless Otherwise Specified)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com