Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX87C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BDX87C
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDX87C Datasheet(HTML) 1 Page - STMicroelectronics

  BDX87C Datasheet HTML 1Page - STMicroelectronics BDX87C Datasheet HTML 2Page - STMicroelectronics BDX87C Datasheet HTML 3Page - STMicroelectronics BDX87C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX87C
BDX88C
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The BDX87C is a silicon epitaxial-base NPN
power
transistors
in
monolithic
Darlington
configuration and are mounted in Jedec TO-3
metal case. They are intented for use in power
linear and switching applications.
The complementary PNP types is the BDX88C.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
BDX87C
PNP
BDX88C
VCBO
Collector-base Voltage (IE = 0)
100
V
VCEO
Collector-emitter Voltage (IB = 0)
100
V
VEBO
Emitter-base Voltage (IC = 0)
5
V
IC
Collector Current
12
A
ICM
Collector Peak Current (repetitive)
18
A
IB
Base Current
0.2
A
Ptot
Total Dissipation at Tc
≤ 25 oC
120
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1
2
TO-3
R1 Typ. = 6 K
Ω
R2 Typ. = 55
Ω
1/4


Similar Part No. - BDX87C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX87C SEME-LAB-BDX87C Datasheet
11Kb / 1P
Bipolar NPN Device
logo
Central Semiconductor C...
BDX87C CENTRAL-BDX87C Datasheet
53Kb / 1P
Power Transistors
logo
Savantic, Inc.
BDX87C SAVANTIC-BDX87C Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDX87C ISC-BDX87C Datasheet
130Kb / 3P
Silicon NPN Power Transistors
BDX87C ISC-BDX87C Datasheet
230Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BDX87C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1999
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com