Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3056E Datasheet(PDF) 21 Page - Analog Devices

Part # ADM3056E
Description  Signal Isolated CAN FD Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3056E Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM3056E Datasheet HTML 13Page - Analog Devices ADM3056E Datasheet HTML 14Page - Analog Devices ADM3056E Datasheet HTML 15Page - Analog Devices ADM3056E Datasheet HTML 16Page - Analog Devices ADM3056E Datasheet HTML 17Page - Analog Devices ADM3056E Datasheet HTML 18Page - Analog Devices ADM3056E Datasheet HTML 19Page - Analog Devices ADM3056E Datasheet HTML 20Page - Analog Devices ADM3056E Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADM3056E
Rev. 0 | Page 21 of 21
OUTLINE DIMENSIONS
16
9
8
1
COPLANARITY
0.10
1.27 BSC
12.95
12.80
12.65
7.60
7.50
7.40
2.64
2.50
2.36
1.27
0.41
2.44
2.24
0.25
0.10
10.55
10.30
10.05
0.49
0.35
8°
0°
0.33
0.23
0.76
0.25
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013-AC
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
INDICATOR
SEATING
PLANE
Figure 28. 16-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
Wide Body
(RI-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM3056EBRIZ
−40°C to +125°C
20-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
RI-16-2
ADM3056EBRIZ-RL
−40°C to +125°C
20-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
RI-16-2
EVAL-ADM3056EEBZ
ADM3056E Evaluation Board
1
Z = RoHS Compliant Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14973-0-12/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com