Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-237B-R6GHBHC-C01-2T Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 19-237B-R6GHBHC-C01-2T
Description  Full Color Chip LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-237B-R6GHBHC-C01-2T Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  19-237B-R6GHBHC-C01-2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-237B-R6GHBHC-C01-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3
Page: 1 of 12
Device No. : DSE-0005369
Prepared date: 05-Jul-2011
Prepared by : Ashley Kuo
Technical Data Sheet
Full Color Chip LED
19-237B/R6GHBHC-C01/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Multi-color type.
․Pb-free.
․The product itself will remain within RoHS
compliant version.
Descriptions
․The 19-237B SMD LED is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Resin Color
Type
Material
Emitted Color
R6
AlGaInP
Brilliant Red
Water Clear
GH
InGaN
Brilliant Green
BH
InGaN
Blue
香港至恩科技有限公司  
  www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 19-237B-R6GHBHC-C01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
216Kb / 12P
Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T_11 Datasheet
216Kb / 12P
Full Color Chip LED
More results

Similar Description - 19-237B-R6GHBHC-C01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R6GHBHC EVERLIGHT-R6GHBHC Datasheet
199Kb / 12P
Full Color Chip LED
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T Datasheet
196Kb / 12P
Full Color Chip LED
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
Full Color Chip LED
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T_11 Datasheet
216Kb / 12P
Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S310F3WT TO-GRACE-LTST-S310F3WT Datasheet
808Kb / 11P
Full color chip LED.
19-237A-BHR6GHC-A01-2T TO-GRACE-19-237A-BHR6GHC-A01-2T Datasheet
1Mb / 12P
Full Color Chip LED
19-237-R6GHBHC-A04-2T TO-GRACE-19-237-R6GHBHC-A04-2T Datasheet
1,004Kb / 12P
Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com