Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22-23C/R6GHBHW-C01/2C Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 22-23C/R6GHBHW-C01/2C
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

22-23C/R6GHBHW-C01/2C Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  22-23C/R6GHBHW-C01/2C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATASHEET
SMD  B
22-23C/R6GHBHW-C01/2C
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 29-Apr-2013
Issue No: DSE-0001583 Rev:3
www.everlight.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
R6
Iv
GH
BH
14.5
-----
36.0
mcd
IF=20mA
35.0
-----
110
10.0
-----
24.5
Viewing Angle
2θ
1/2
-----
130
-----
deg
Peak Wavelength
R6
λp
GH
BH
-----
626
-----
nm
-----
518
-----
-----
468
-----
Dominant Wavelength
R6
λd
GH
BH
613.0
619.0
625.0
nm
523.0
531.5
540.0
466.5
472.5
478.5
Spectrum Radiation Bandwidth
R6
Δλ
GH
BH
-----
20
-----
nm
-----
35
-----
-----
25
-----
Forward Voltage
R6
VF
GH
BH
1.7
1.85
2.0
V
2.7
2.90
3.2
2.7
2.90
3.1
Reverse Current
R6
IR
GH
BH
-----
-----
10
μA
VR=5V
-----
-----
50
-----
-----
50
Note:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1nm
3. Tolerance of Forward Voltage: ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com