Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF
Description  Surface Mount Transient Voltage Suppressor Power 200W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25
°C
Table 1
Breakdown
Voltage
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
VRMW
VBR @ I
T
Min
Max
V
V
V
Type
Marking
S M F 5 . 0 A
S M F 6 . 0 A
S M F 6 . 5 A
S M F 7 . 0 A
S M F 7 . 5 A
S M F 8 . 0 A
S M F 8 . 5 A
S M F 9 . 0 A
S M F l 0 A
S M F 1 1 A
S M F 1 2 A
S M F 1 3 A
S M F 1 4 A
S M F 1 5 A
S M F 1 6 A
S M F 1 7 A
S M F 1 8 A
S M F 2 0 A
S M F 2 2 A
S M F 2 4 A
S M F 2 6 A
S M F 2 8 A
S M F 3 0 A
S M F 3 3 A
S M F 3 6 A
S M F 4 0 A
S M F 4 3 A
S M F 4 5 A
S M F 4 8 A
S M F 5 1 A
S M F 5 4 A
S M F 5 8 A
S M F 6 0 A
S M F 6 4 A
S M F 7 0 A
S M F 7 5 A
S M F 7 8 A
S M F 8 5 A
S M F 9 0 A
S M F l 0 0 A
SMF110A
SMF120A
SMF130A
SMF150A
SMF160A
SMF170A
SMF180A
SMF200A
SMF220A
5
6
6.5
7
7.5
8
8.5
9
10
11
12
13
14
15
16
17
18
20
22
24
26
28
30
33
36
40
43
45
48
51
54
58
60
64
70
75
78
85
90
100
110
120
130
150
160
170
180
200
220
6.4
6.67
7.22
7.78
8.33
8.89
9.44
10
11.1
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40
44.4
47.8
50
53.3
56.7
60
64.4
66.7
71.1
77.8
83.3
86.7
94.4
100
111
122
133
144
167
178
189
201
224
246
7
7.37
7.98
8.6
9.21
9.83
10.4
11.1
12.3
13.5
14.7
15.9
17.2
18.5
19.7
20.9
22.1
24.5
26.9
29.5
31.9
34.4
36.8
40.6
44.2
49.1
52.8
55.3
58.9
62.7
66.3
71.2
73.7
78.6
86
92.1
95.8
104
111
123
135
147
159
185
197
209
222
247
272
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
200
100
75
50
50
25
10
5
2.5
2.5
2.5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.2
10.3
11.2
12
12.9
13.6
14.4
15.4
17
18.2
19.9
21.5
23.2
24.4
26
27.6
29.2
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103
113
121
126
137
146
162
177
193
209
243
259
275
292
324
356
21.7
19.4
17.9
16.7
15.5
14.7
13.9
13
11.8
11
10.1
9.3
8.6
8.2
7.7
7.2
6.8
6.2
5.6
5.1
4.8
4.4
4.1
3.8
3.4
3.1
2.9
2.8
2.6
2.4
2.3
2.1
1.8
1.7
1.5
1.4
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.7
0.6
0.5
0.5
0.5
AE
AG
AK
AM
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BV
BX
BZ
CE
CG
CK
CM
CP
CR
CT
CV
CX
CZ
DE
DG
DK
DM
DP
DR
DT
DV
DX
DZ
EE
EG
EK
EM
EP
ER
ET
EX
E22
S M F 5 . 0 C A
S M F 6 . 0 C A
S M F 6 . 5 C A
S M F 7 . 0 C A
S M F 7 . 5 C A
S M F 8 . 0 C A
S M F 8 . 5 C A
S M F 9 . 0 C A
S M F l 0 C A
S M F 1 1 C A
S M F 1 2 C A
S M F 1 3 C A
S M F 1 4 C A
S M F 1 5 C A
S M F 1 6 C A
S M F 1 7 C A
S M F 1 8 C A
S M F 2 0 C A
S M F 2 2 C A
S M F 2 4 C A
S M F 2 6 C A
S M F 2 8 C A
S M F 3 0 C A
S M F 3 3 C A
S M F 3 6 C A
S M F 4 0 C A
S M F 4 3 C A
S M F 4 5 C A
S M F 4 8 C A
S M F 5 1 C A
S M F 5 4 C A
S M F 5 8 C A
S M F 6 0 C A
S M F 6 4 C A
S M F 7 0 C A
S M F 7 5 C A
S M F 7 8 C A
S M F 8 5 C A
S M F 9 0 C A
S M F l 0 0 C A
SMF110CA
SMF120CA
SMF130CA
SMF150CA
SMF160CA
SMF170CA
SMF180CA
SMF200CA
SMF220CA
CAE
CAG
CAK
CAM
CAP
CAR
CAT
CAV
CAX
CAZ
CBE
CBG
CBK
CBM
CBP
CBR
CBT
CBV
CBX
CBZ
CCE
CCG
CCK
CCM
CCP
CCR
CCT
CCV
CCX
CCZ
CDE
CDG
CDK
CDM
CDP
CDR
CDT
CDV
CDX
CDZ
CEE
CEG
CEK
CEM
CEP
CER
CET
CEX
CE22
Uni
Bi
Uni
Bi
http://www.trr-jx.com
version: 02
Surface Mount Transient Voltage Suppressor Power 200W
SMF Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com