Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAF110C Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMAF110C
Description  Surface mount transient voltage suppressor power 200 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAF110C Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAF110C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 5Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface mount transient voltage suppressor power 200 watts
FEATURES
• For surface mounted applications in order to
optimize board space.
• Low profile package
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory
Flammability
MECHANICAL DATA
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg 0.00095oz
pprox. Weight:
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above T = 25
per Fig. 2.
A
2. Mounted on FR-4 PCB single-sided copper, mini pad.
3. Peak Forward Surge Current : 8.3ms single half sine-wave Superimposed on rated load (JEDEC method).
4. Peak pulse power waveform is 10/1000
μS.
°C
SMAF5.0A THRU SMAF220A
Parameter
Peak Pulse Power Dissipation on 10/1000us waveform
Typical Junction capacitance at VR=4V, f=1MHz
Symbol
Value
Unit
PPPM
Min200
W
390
CJ
Peak Forward Surge Current (Note 2,Fig 4)
IFSM
20
A
Peak Pulse Current on 10/1000 us waveform (Note 1, Fig 2)
IPPM
see Table 1
ESD Voltage per IEC6100-4-2
Contact
Air
Typical Thermal Resistance Junction to Ambient(Note 2)
Operating Junction Temperature and Storage Temperature Range
VESD1
V
ESD2
RθJA
T , T
j
stg
8
15
150
°C
-55 ~ +150
°C/W
A
kV
pF
Simplified outline SMAF and symbol
Unipolar
Bipolar
1
2
http://www.trr-jx.com
version: 02


Similar Part No. - SMAF110C

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMAF110C JUXING-SMAF110C Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
logo
Shanghai Shunye Electro...
SMAF110C SHUNYE-SMAF110C Datasheet
1Mb / 7P
Surface mount transient voltage suppressor power 400 watts
V2.22
logo
Guangdong Juxing Electr...
SMAF110CA JUXING-SMAF110CA Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
logo
Shanghai Shunye Electro...
SMAF110CA SHUNYE-SMAF110CA Datasheet
1Mb / 7P
Surface mount transient voltage suppressor power 400 watts
V2.22
More results

Similar Description - SMAF110C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMF5.0A CENTRAL-CMF5.0A_10 Datasheet
606Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
Surface mount transient voltage suppressor power 400 watts
SMF5.0A-SOD123FL YFWDIODE-SMF5.0A-SOD123FL Datasheet
542Kb / 4P
Surface mount transient voltage suppressor power 200 watts
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
Surface mount transient voltage suppressor power 400 watts
logo
Guangdong Juxing Electr...
SMAF5.0A JUXING-SMAF5.0A Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
logo
DONGGUAN YOU FENG WEI E...
SMF5.0A YFWDIODE-SMF5.0A_V01 Datasheet
438Kb / 4P
Surface mount transient voltage suppressor power 200 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
Surface mount transient voltage suppressor power 400 watts
SMF5.0A SKTECHNOLGY-SMF5.0A Datasheet
495Kb / 4P
Surface mount transient voltage suppressor power 200 watts
logo
AiT Semiconductor Inc.
SMF5.0A AITSEMI-SMF5.0A Datasheet
598Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR POWER 200 WATTS
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com