Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6002 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6002
Description  Flashlight LED driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6002 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6002 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
内部功能框图
:
测试数据:
(输出加整流,
L=22uH/0410 色环电感,5 个Φ5 白光 LED 并联)
VIN(V)
IIN(mA)
Io(mA)
1.8
75.6
34.2
1.9
94
42.4
2
111.8
49.7
2.1
126.4
57.9
2.2
140.6
67.0
2.3
154.8
74.5
2.4
169.3
84.5
2.5
185.2
92.7
2.6
201.4
103.6
2.7
218.6
113.9
2.8
236.9
123.3
2.9
254.5
135.2
3
273.1
148.8
3.1
292.1
159.1
3.2
314.2
169.4
(输出加整流,
L=22uH /工字电感,5 个Φ5 白光 LED 并联)
VIN(V)
IIN(mA)
Io(mA)
1.8
102.6
42.4
1.9
112.1
50.0
2
127.1
59.4
2.1
150.6
70.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com