Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7680 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7680
Description  Backflush protection circuit with built-in inductive load current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7680 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7680 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
电气参数 (TA=25℃, 除非另有所指)
参数
描述
条件
最小
典型
最大
单位
VDD_MAX
工作电压
40
V
IVDD
静态电流
INA=INB=0V, VDD=12V
2
uA
IBIAS
输入逻辑偏置电流
INA=INB=5V
50
uA
VTH_H
输入逻辑高电平
2.0
V
VTH_L
输入逻辑低电平
1.3
V
RDS(ON)
导通电阻
VDD=12V, RLOAD=80Ω
12
Ω
R OUT
输出对 GND 电阻
高阻态输出端口对 GND 电阻
45
KΩ
Tdeglitch
输入噪声消隐时间
1
10
us
逻辑功能表
INA
INB
OUTA
OUTB
0
0
高阻
高阻
0
1
0
1
1
0
1
0
1
1
高阻
高阻
HM7680



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com