Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8024A Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8024A
Description  With two light control outputs for dual lamp drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8024A Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8024A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
第
4 页 共 9 页
1.3
管脚分布图
管脚序号
管脚名称
输入
/输出
管脚说明
1
LO1
输出
工作指示输出,未用到将其悬空
2
VC
输入
采样电容输入脚
(建议误差小于 5%的涤纶电容)
3
VDD
电源
电源正端
4
GND
电源
接地脚
5
T1
输入
触摸调色温按键
6
NC
悬空
悬空
7
SO2
输出
第
2 路灯光控制输出脚
8
SO1
输出
第
1 路灯光控制输出脚
HM8024A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com