Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO2525LS1C508GN10 Datasheet(PDF) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

Part # BO2525LS1C508GN10
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Direct Link  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BO2525LS1C508GN10 Datasheet(HTML) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

  BO2525LS1C508GN10 Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BO2525LS1C508GN10 Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BO2525L Series
Oven Controlled Crystal Oscillator
Parameter
Condition
Reliability
Temperature Stress Test
IEC60068, GJB360B
Mechanical Stress Test
IEC60068, GJB360B
EMC Test (ESD)
IEC61000, JESD22
Ordering Guide
Example: BO2525LH5C108HN10
Disclaimer
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Solderability
EIA/JESD22-B102-C
RoHS
RoHS Directive 2011/65/EU Annex II Recasting 2002/95/EC
Outline Dimension & Pin Connections
BO
Product
OCXO
Outline
25mm x 25mm
XX.XX
L X X
X
XXX
2525
Freq. Range:
L:<50MHz
Output:
S: Sine Wave
H: LVTTL
Frequency:
xx MHz
Temp. Range:
C: -20℃~+70℃
G: -40℃~+70℃
I: -40℃~+85℃
U: -55℃~+85℃
Tuning:
N: No Tuning
E: ±500ppb
Temp. Stability:
508: ±50ppb
108: ±10ppb
509: ±5ppb
Phase Noise:
G: -145dBc/Hz@1kHz
H: -150dBc/Hz@1kHz
J: -155dBc/Hz@1kHz
K: -160dBc/Hz@1kHz
X
Supply Voltage:
1: 12 Vdc
5: 5 Vdc
X
2/2
Release Date: Mar.27, 2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com