Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO2525LS1I508GN10 Datasheet(PDF) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

Part # BO2525LS1I508GN10
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Direct Link  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BO2525LS1I508GN10 Datasheet(HTML) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

  BO2525LS1I508GN10 Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BO2525LS1I508GN10 Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BO2525L Series
Oven Controlled Crystal Oscillator
Min.
Typ.
Max.
–
5.0
–
V
–
12.0
–
V
–
–
3.0
W
–
–
1.0
W
MHz
MHz
–
–
±100
ppb
±5
–
±10
ppb
±5
–
±10
ppb
±10
–
±50
ppb
–
–
±100
ppb
Output Level
7
–
–
dBm
Harmonics
–
–
-35
dBc
Spurious
–
–
-70
dBc
Load
–
50
–
Ω
VOH
2.4
–
–
V
VOL
–
–
0.4
V
Duty Cycle
45
–
55
%
Rise/Fall edge
–
–
6
ns
Load
–
15
–
pf
–
–
5×10
-12
–
–
10
Min
–
–
±5
–
–
±5
Aging per Day
–
–
±0.5
Aging per Year
–
–
±50
-120
–
–
Offset 10Hz
-140
–
–
Offset 100Hz
-160
–
–
Offset 1kHz
-165
–
–
Offset 10kHz
-165
–
–
Offset 100kHz
0
–
5
V
0
–
12
V
±0.5
–
±2.0
ppm
Control Voltage Range
Parameter
Value
Unit
Condition
Features
Applications
● Ultra Stable
● Base Stations
● Wide Temperature Range
● Instrumentations
● Fast Warming-up
● Synthesizer
● Medical Electronics
BO2525L Specifications
Supply Voltage
Power Consumption
During Warming-up
Steady at +25℃ & still air
Frequency Range
10 ~ 40
Nominal Frequency
10
Initial Frequency Tolerance
At shipment, nominal EFC
Freq. Stability Vs. Temp.
-20℃ ~ +70℃
-40℃ ~ +70℃
-40℃ ~ +85℃
-55℃ ~ +85℃
Sine Wave
Short-term Stability(1S)
Test after 15 Min.
Warm-up Time
At +25℃, with accuracy of ±5ppb
Supply Sensitivity
ppb
Vcc±5%
Load Sensitivity
Load±5%
LVTTL
LVTTL Output, Load=15pf
LVTTL Output, Load=15pf
( VOH - VOL)/2
LVTTL Output, Load=15pf
After 30 days of operation
After 30 days of operation
SSB Phase Noise
@10MHz
dBc/Hz
@+25℃
Frequency Turning Range
Tuning Slope
Positive
Environmental Conditions
Operating Temperature Range
-55℃~+85℃
Storage Temperature Range
-55℃~+125℃
1/2
Release Date: Mar.27, 2016


Similar Part No. - BO2525LS1I508GN10

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
BO2525LH5C108HN10 XTALTQ-BO2525LH5C108HN10 Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results

Similar Description - BO2525LS1I508GN10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com