Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-1ARWZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1071-1ARWZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-1ARWZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1071-1ARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 22Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 23Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 24Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 25Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 26Page - Analog Devices ADP1071-1ARWZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
ADP1071-1/ADP1071-2
Data Sheet
Rev. B | Page 26 of 27
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 31. 16-Lead Standard Small Outline Package [SOIC_W]
Wide-Body
(RW-16)
Dimensions shown in millimeters and (inches)
PIN 1
INDICATOR
SEATING
PLANE
8.10
8.00
7.90
4.10
4.00
3.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.25
0.20
0.15
0.35
0.30
0.25
0.75 REF
6.50 BSC
2.25
BSC
3.78 BSC
2.825 BSC
1.15
2.50
BSC
2.80
1.775
BSC
0.50
BSC
0.25
BSC
0.28 REF
1.20
MAX
COPLANARITY
0.08
1
9
10
15
16
21
22
24
3
4
PIN 1 CORNER
INDICATOR
*EXPOSED
PAD
*EXPOSED
PAD
*FOR PROPER CONNECTION OF THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 32. 24-Terminal Land Grid Array [LGA]
(CC-24-6)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com